Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1580BRTZ-REEL7 Datasheet (PDF) - Analog Devices

AD1580BRTZ-REEL7 Datasheet PDF - Analog Devices
Part # AD1580BRTZ-REEL7
Download  AD1580BRTZ-REEL7 Download

File Size   368.57 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 V Micropower, Precision Shunt Voltage Reference

AD1580BRTZ-REEL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1580BRTZ-REEL7 Datasheet PDF - Analog Devices

Part # AD1580BRTZ-REEL7
Download  AD1580BRTZ-REEL7 Click to download

File Size   368.57 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 V Micropower, Precision Shunt Voltage Reference

AD1580BRTZ-REEL7 Datasheet (HTML) - Analog Devices

Back Button AD1580BRTZ-REEL7 Datasheet HTML 1Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 2Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 3Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 4Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices AD1580BRTZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD1580BRTZ-REEL7 Product details

GENERAL DESCRIPTION
The AD1580 is a low cost, two-terminal (shunt), precision bandgap reference. It provides an accurate 1.225 V output for input currents between 50 µA and 10 mA.
   
FEATURES
    Wide Operating Range: 50 μA–10 mA
    Initial Accuracy: ±0.1% max
    Temperature Drift: ±50 ppm/°C max
    Output Impedance: 0.5 Ω max
    Wideband Noise (10 Hz–10 kHz): 20 μV rms
    Operating Temperature Range: –40°C to +85°C
    High ESD Rating
        4 kV Human Body Model
        400 V Machine Model
    Compact, Surface-Mount, SOT-23 Package
   
TARGET APPLICATIONS
1. Portable, Battery-Powered Equipment:
    Cellular Phones, Notebook Computers, PDAs, GPS and
    DMM.
2. Computer Workstations
    Suitable for use with a wide range of video RAMDACs.
3. Smart Industrial Transmitters
4. PCMCIA Cards.
5. Automotive.
6. 3 V/5 V 8–12-Bit Data Converters.
   




Similar Part No. - AD1580BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1580BRTZ-REEL7 AD-AD1580BRTZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision
Rev. F
AD1580BRTZ-REEL7 AD-AD1580BRTZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRTZ-REEL7 AD-AD1580BRTZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRTZ-REEL7 AD-AD1580BRTZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
More results


Similar Description - AD1580BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581 AD-ADR1581 Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com