Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF4N60 Datasheet (PDF) - Kersemi Electronic Co., Ltd.

FQPF4N60 Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # FQPF4N60
Download  FQPF4N60 Download

File Size   726.33 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 600V N-Channel MOSFET

FQPF4N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF4N60 Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # FQPF4N60
Download  FQPF4N60 Click to download

File Size   726.33 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 600V N-Channel MOSFET

FQPF4N60 Datasheet (HTML) - Kersemi Electronic Co., Ltd.

FQPF4N60 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. FQPF4N60 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. FQPF4N60 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. FQPF4N60 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. FQPF4N60 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. FQPF4N60 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. FQPF4N60 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.

FQPF4N60 Product details

General Description

These N-Channel enhancement mode power field effect transistors are produced using Corise Semiconductorÿs proprietary, planar stripe, DMOS technology.

This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supply.



Features

• 2.6A, 600V, RDS(on) = 2.2Ω @VGS = 10 V

• Low gate charge ( typical 15 nC)

• Low Crss ( typical 8.0 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability



 




Similar Part No. - FQPF4N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF4N60 FAIRCHILD-FQPF4N60 Datasheet
550Kb / 8P
   600V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQPF4N60 TGS-FQPF4N60 Datasheet
36Kb / 1P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF4N60 FAIRCHILD-FQPF4N60 Datasheet
831Kb / 8P
   600V N-Channel MOSFET
FQPF4N60C FAIRCHILD-FQPF4N60C Datasheet
831Kb / 8P
   600V N-Channel MOSFET
More results


Similar Description - FQPF4N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com