Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP7105 Datasheet (PDF) - Analog Devices

ADP7105 Datasheet PDF - Analog Devices
Part # ADP7105
Download  ADP7105 Download

File Size   855.83 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 500 mA, Low Noise LDO Regulator with Soft Start

ADP7105 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP7105 Datasheet PDF - Analog Devices

Part # ADP7105
Download  ADP7105 Click to download

File Size   855.83 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 500 mA, Low Noise LDO Regulator with Soft Start

ADP7105 Datasheet (HTML) - Analog Devices

Back Button ADP7105 Datasheet HTML 1Page - Analog Devices ADP7105 Datasheet HTML 2Page - Analog Devices ADP7105 Datasheet HTML 3Page - Analog Devices ADP7105 Datasheet HTML 4Page - Analog Devices ADP7105 Datasheet HTML 5Page - Analog Devices ADP7105 Datasheet HTML 6Page - Analog Devices ADP7105 Datasheet HTML 7Page - Analog Devices ADP7105 Datasheet HTML 8Page - Analog Devices ADP7105 Datasheet HTML 9Page - Analog Devices ADP7105 Datasheet HTML 10Page - Analog Devices Next Button 

ADP7105 Product details

GENERAL DESCRIPTION
The ADP7105 is a CMOS, low dropout (LDO) linear regulator that operates from 3.3 V to 20 V and provides up to 500 mA of output current. This high input voltage LDO is ideal for regulation of high performance analog and mixed-signal circuits operating from 1.22 V to 19 V rails. Using an advanced proprietary architecture, the ADP7105 provides high power supply rejection and low noise, and achieves excellent line and load transient response with only a small 1 µF ceramic output capacitor.

FEATURES
   Input voltage range: 3.3 V to 20 V
   Maximum output current: 500 mA
   Low noise: 15 µV rms for fixed output versions
   PSRR performance of 60 dB at 10 kHz, VOUT = 3.3 V
   Reverse current protection
   Low dropout voltage: 350 mV at 500 mA
   Initial accuracy: ±0.8%
   Accuracy over line, load, and temperature
      −2% to +1%, TJ = −40°C to +125°C
      −1.25% to +1%, TJ = 0°C to +85°C
   Low quiescent current: 900 μA at VIN = 10 V, IOUT = 500 mA
   Low shutdown current: <50 µA at VIN = 12 V, stable with
      small 1 µF ceramic output capacitor
   3 fixed output voltage options: 1.8, 3.3 V and 5 V
   Adjustable output from 1.22 V to 19 V
   Programmable soft start for inrush current control
   Foldback current-limit and thermal overload protection
   User programmable precision UVLO/enable
   Power-good indicator
   8-lead LFCSP and 8-lead SOIC packages

APPLICATIONS
   Regulation of noise sensitive applications: ADC and DAC
      circuits, precision amplifiers, high frequency oscillators,
      clocks, and PLLs
   Communications and infrastructure
   Medical and healthcare
   Industrial and instrumentation




Similar Part No. - ADP7105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7105ACPZ-1.8-R7 AD-ADP7105ACPZ-1.8-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ACPZ-3.3-R7 AD-ADP7105ACPZ-3.3-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ACPZ-5.0-R7 AD-ADP7105ACPZ-5.0-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ACPZ-R2 AD-ADP7105ACPZ-R2 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ACPZ-R7 AD-ADP7105ACPZ-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
More results


Similar Description - ADP7105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7105ARDZ AD-ADP7105ARDZ Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
   500 mA Low-Noise LDO Regulator
09/14/21
logo
Analog Devices
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
logo
Texas Instruments
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74701-Q1 TI-TPS74701-Q1_15 Datasheet
869Kb / 25P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
Texas Instruments
TPS74701 TI-TPS74701_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
logo
Analog Devices
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com