Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1K49156 Datasheet (PDF) - Fairchild Semiconductor

RF1K49156 Datasheet PDF - Fairchild Semiconductor
Part # RF1K49156
Download  RF1K49156 Download

File Size   221.76 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET

RF1K49156 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1K49156 Datasheet PDF - Fairchild Semiconductor

Part # RF1K49156
Download  RF1K49156 Click to download

File Size   221.76 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET

RF1K49156 Datasheet (HTML) - Fairchild Semiconductor

RF1K49156 Datasheet HTML 1Page - Fairchild Semiconductor RF1K49156 Datasheet HTML 2Page - Fairchild Semiconductor RF1K49156 Datasheet HTML 3Page - Fairchild Semiconductor RF1K49156 Datasheet HTML 4Page - Fairchild Semiconductor RF1K49156 Datasheet HTML 5Page - Fairchild Semiconductor RF1K49156 Datasheet HTML 6Page - Fairchild Semiconductor RF1K49156 Datasheet HTML 7Page - Fairchild Semiconductor RF1K49156 Datasheet HTML 8Page - Fairchild Semiconductor

RF1K49156 Product details

This Single N-Channel power MOSFET is manufactured using an advanced MegaFET process. This process, which uses feature sizes approaching those of LSI integrated circuits, gives optimum utilization of silicon, resulting in outstanding performance. It was designed for use in applications such as switching regulators, switching converters, motor drivers, relay drivers, and low voltage bus switches. This product achieves full rated conduction at a gate bias in the 3V - 5V range, thereby facilitating true on-off power control directly from logic level (5V) integrated circuits.

Features
• 6.3A, 30V
• rDS(ON) = 0.030Ω
• Temperature Compensating PSPICE® Model
• On-Resistance vs Gate Drive Voltage Curves
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RF1K49156

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1K49156 INTERSIL-RF1K49156 Datasheet
142Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
August 1999
More results


Similar Description - RF1K49156

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1K49156 INTERSIL-RF1K49156 Datasheet
142Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
August 1999
RF1K49157 INTERSIL-RF1K49157 Datasheet
149Kb / 8P
   6.3A, 30V, 0.030 Ohm, Single N-Channel LittleFET??Power MOSFET
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49157 FAIRCHILD-RF1K49157 Datasheet
208Kb / 7P
   6.3A, 30V, Avalanche Rated, Single N-Channel LittleFET??Enhancement Mode Power MOSFET
logo
Intersil Corporation
RF1K49211 INTERSIL-RF1K49211 Datasheet
133Kb / 7P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49211 FAIRCHILD-RF1K49211 Datasheet
262Kb / 8P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
HP4410DY INTERSIL-HP4410DY Datasheet
82Kb / 5P
   10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
logo
Fairchild Semiconductor
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com