Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX245 Datasheet (PDF) - ON Semiconductor

MC74LCX245 Datasheet PDF - ON Semiconductor
Part # MC74LCX245
Download  MC74LCX245 Download

File Size   146.56 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Transceiver

MC74LCX245 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX245 Datasheet PDF - ON Semiconductor

Part # MC74LCX245
Download  MC74LCX245 Click to download

File Size   146.56 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Transceiver

MC74LCX245 Datasheet (HTML) - ON Semiconductor

MC74LCX245 Datasheet HTML 1Page - ON Semiconductor MC74LCX245 Datasheet HTML 2Page - ON Semiconductor MC74LCX245 Datasheet HTML 3Page - ON Semiconductor MC74LCX245 Datasheet HTML 4Page - ON Semiconductor MC74LCX245 Datasheet HTML 5Page - ON Semiconductor MC74LCX245 Datasheet HTML 6Page - ON Semiconductor MC74LCX245 Datasheet HTML 7Page - ON Semiconductor MC74LCX245 Datasheet HTML 8Page - ON Semiconductor MC74LCX245 Datasheet HTML 9Page - ON Semiconductor

MC74LCX245 Product details

Low-Voltage CMOS Octal Transceiver
With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)

The MC74LCX245 is a high performance, non−inverting octal transceiver operating from a 2.0 to 5.5 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX245 inputs to be safely driven from 5 V devices if VCC is less than 5.0 V. The MC74LCX245 is suitable for memory address driving and all TTL level bus oriented transceiver applications.
Current drive capability is 24 mA at both A and B ports. The Transmit/Receive (T/R) input determines the direction of data flow through the bi−directional transceiver. Transmit (active−HIGH) enables data from A ports to B ports; Receive (active−LOW) enables data from B to A ports. The Output Enable input, when HIGH, disables both A and B ports by placing them in a HIGH Z condition.

Features
• Designed for 2.0 to 5.5 V VCC Operation
• 5 V Tolerant − Interface Capability With 5 V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10 μA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance: Human Body Model >2000 V
                                 Machine Model >200 V
• NLV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - MC74LCX245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
logo
ON Semiconductor
MC74LCX245 ONSEMI-MC74LCX245 Datasheet
85Kb / 8P
   Low-Voltage CMOS Octal Transistor
December, 2000 ??Rev. 4
MC74LCX245 ONSEMI-MC74LCX245 Datasheet
91Kb / 8P
   Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 6
MC74LCX245DR2G ONSEMI-MC74LCX245DR2G Datasheet
91Kb / 8P
   Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 6
logo
Motorola, Inc
MC74LCX245DT MOTOROLA-MC74LCX245DT Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
More results


Similar Description - MC74LCX245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX245DTG ONSEMI-MC74LCX245DTG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
MC74LCX245DWR2G ONSEMI-MC74LCX245DWR2G Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LVQ245 MOTOROLA-MC74LVQ245 Datasheet
210Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
   LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
MC74LCX2952 MOTOROLA-MC74LCX2952 Datasheet
182Kb / 10P
   LOW-VOLTAGE CMOS OCTAL REGISTERED TRANSCEIVER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com