Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4200 Datasheet (PDF) - Fairchild Semiconductor

RC4200 Datasheet PDF - Fairchild Semiconductor
Part # RC4200
Download  RC4200 Download
File Size   206.58 Kbytes
Page   23 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Analog Multiplier

RC4200 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC4200 Datasheet PDF - Fairchild Semiconductor

Part # RC4200
Download  RC4200 Click to download

File Size   206.58 Kbytes
Page   23 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Analog Multiplier

RC4200 Datasheet (HTML) - Fairchild Semiconductor


RC4200 Product details

Description

The RC4200 analog multiplier has complete compensation for nonlinearity, the primary source of error and distortion. This multiplier also has three onboard operational amplifiers designed specifically for use in multiplier logging circuits. These amplifiers are frequency compensated for optimum AC response in a logging circuit, the heart of a multiplier, and can therefore provide superior AC response.



Features

• High accuracy

• Nonlinearity – 0.1%

   Temperature coefficient – 0.005%/°C

• Multiple functions

• Multiply, divide, square, square root, RMS-to-DC conversion, AGC and modulate/demodulate

• Wide bandwidth – 4 MHz

• Signal-to-noise ratio – 94 dB



Applications

• Low distortion audio modulation circuits

• Voltage-controlled active filters

• Precision oscillators




Similar Part No. - RC4200

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
RC4277AD RAYTHEON-RC4277AD Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
RC4277AD/883B RAYTHEON-RC4277AD/883B Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
RC4277ED RAYTHEON-RC4277ED Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
RC4277EN RAYTHEON-RC4277EN Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
More results


Similar Description - RC4200

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
ANALOG MULTIPLIER
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
Analog Frequency Multiplier
logo
Texas Instruments
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
Analog Frequency Multiplier
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL660 PLL-PL660 Datasheet
484Kb / 15P
Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
Analog Frequency Multiplier
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
Low Cost Analog Multiplier
Rev. I
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com