Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QVE00120 Datasheet (PDF) - Fairchild Semiconductor

QVE00120 Datasheet PDF - Fairchild Semiconductor
Part # QVE00120
Download  QVE00120 Download

File Size   146.11 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description OPTOLOGIC OPTICAL INTERRUPTER SWITCH

QVE00120 Datasheet (PDF)

Go To PDF Page Download Datasheet
QVE00120 Datasheet PDF - Fairchild Semiconductor

Part # QVE00120
Download  QVE00120 Click to download

File Size   146.11 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description OPTOLOGIC OPTICAL INTERRUPTER SWITCH

QVE00120 Datasheet (HTML) - Fairchild Semiconductor

QVE00120 Datasheet HTML 1Page - Fairchild Semiconductor QVE00120 Datasheet HTML 2Page - Fairchild Semiconductor QVE00120 Datasheet HTML 3Page - Fairchild Semiconductor QVE00120 Datasheet HTML 4Page - Fairchild Semiconductor QVE00120 Datasheet HTML 5Page - Fairchild Semiconductor

QVE00120 Product details

FEATURES

• No contact switching

• 5.0 mm wide slot

• 0.5 mm aperture width

• Opaque black plastic housing

• Output configuration: Buffer open-collector

• TTL/CMOS compatible output

• Locating knobs on housing base for accurate mounting



 




Similar Part No. - QVE00120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00118 FAIRCHILD-QVE00118 Datasheet
455Kb / 5P
   PHOTOTRANSITOR OPTICAL INTERRUPTER SWITCH
More results


Similar Description - QVE00120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB_04 Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com