Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM27C256V100 Datasheet (PDF) - Fairchild Semiconductor

NM27C256V100 Datasheet PDF - Fairchild Semiconductor
Part # NM27C256V100
Download  NM27C256V100 Download

File Size   110.32 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 262,144-Bit (32K x 8) High Performance CMOS EPROM

NM27C256V100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NM27C256V100 Datasheet PDF - Fairchild Semiconductor

Part # NM27C256V100
Download  NM27C256V100 Click to download

File Size   110.32 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 262,144-Bit (32K x 8) High Performance CMOS EPROM

NM27C256V100 Datasheet (HTML) - Fairchild Semiconductor

Back Button NM27C256V100 Datasheet HTML 1Page - Fairchild Semiconductor NM27C256V100 Datasheet HTML 2Page - Fairchild Semiconductor NM27C256V100 Datasheet HTML 3Page - Fairchild Semiconductor NM27C256V100 Datasheet HTML 4Page - Fairchild Semiconductor NM27C256V100 Datasheet HTML 5Page - Fairchild Semiconductor NM27C256V100 Datasheet HTML 6Page - Fairchild Semiconductor NM27C256V100 Datasheet HTML 7Page - Fairchild Semiconductor NM27C256V100 Datasheet HTML 8Page - Fairchild Semiconductor NM27C256V100 Datasheet HTML 9Page - Fairchild Semiconductor NM27C256V100 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

NM27C256V100 Product details

General Description
The NM27C256 is a 256K Electrically Programmable Read Only Memory. It is manufactured in Fairchild’s latest CMOS split gate EPROM technology which enables it to operate at speeds as fast as 90 ns access time over the full operating range. The NM27C256 provides microprocessor-based systems extensive storage capacity for large portions of operating system and application software. Its 90 ns access time provides high speed operation with high-performance CPUs. The NM27C256 offers a single chip solution for the code storage requirements of 100% firmware-based equipment. Frequently-used software routines are quickly executed from EPROM storage, greatly enhancing system utility.

Features
■ High performance CMOS
   —90 ns access time
■ JEDEC standard pin configuration
   — 28-pin PDIP package
   — 32-pin chip carrier
   — 28-pin CERDIP package
■ Drop-in replacement for 27C256 or 27256
■ Manufacturer’s identification code




Similar Part No. - NM27C256V100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C256V120 NSC-NM27C256V120 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256V150 NSC-NM27C256V150 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results


Similar Description - NM27C256V100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com