Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2903DTF Datasheet (PDF) - Fairchild Semiconductor

KA2903DTF Datasheet PDF - Fairchild Semiconductor
Part # KA2903DTF
Download  KA2903DTF Download

File Size   625.27 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Differential Comparator

KA2903DTF Datasheet (PDF)

Go To PDF Page Download Datasheet
KA2903DTF Datasheet PDF - Fairchild Semiconductor

Part # KA2903DTF
Download  KA2903DTF Click to download

File Size   625.27 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Differential Comparator

KA2903DTF Datasheet (HTML) - Fairchild Semiconductor

KA2903DTF Datasheet HTML 1Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 2Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 3Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 4Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 5Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 6Page - Fairchild Semiconductor KA2903DTF Datasheet HTML 7Page - Fairchild Semiconductor

KA2903DTF Product details

Description
The KA393 / KA393A / KA2903 series consists of two independent voltage comparators designed to operate from a single power supply over a wide voltage range.

Features
■ Single Supply Operation: 2V to 36V
■ Dual Supply Operation: ±1V to ±18V
■ Allow Comparison of Voltages Near Ground
   Potential
■ Low Current Drain: 800µA Typical
■ Compatible with all Forms of Logic
■ Low Input Bias Current: 25nA Typical
■ Low Input Offset Current: ±5nA Typical
■ Low Offset Voltage: ±1mV Typical




Similar Part No. - KA2903DTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2903DTF FAIRCHILD-KA2903DTF Datasheet
635Kb / 7P
   Dual Differential Comparator
logo
ON Semiconductor
KA2903DTF ONSEMI-KA2903DTF Datasheet
631Kb / 9P
   Dual Differential Comparator
June 2011 Rev. 1.0.3
logo
Fairchild Semiconductor
KA2903DTF FAIRCHILD-KA2903DTF_11 Datasheet
625Kb / 7P
   Dual Differential Comparator
More results


Similar Description - KA2903DTF

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com