Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM121D Datasheet (PDF) - Fairchild Semiconductor

FODM121D Datasheet PDF - Fairchild Semiconductor
Part # FODM121D
Download  FODM121D Download

File Size   632.36 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers

FODM121D Datasheet (PDF)

Go To PDF Page Download Datasheet
FODM121D Datasheet PDF - Fairchild Semiconductor

Part # FODM121D
Download  FODM121D Click to download

File Size   632.36 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers

FODM121D Datasheet (HTML) - Fairchild Semiconductor

FODM121D Datasheet HTML 1Page - Fairchild Semiconductor FODM121D Datasheet HTML 2Page - Fairchild Semiconductor FODM121D Datasheet HTML 3Page - Fairchild Semiconductor FODM121D Datasheet HTML 4Page - Fairchild Semiconductor FODM121D Datasheet HTML 5Page - Fairchild Semiconductor FODM121D Datasheet HTML 6Page - Fairchild Semiconductor FODM121D Datasheet HTML 7Page - Fairchild Semiconductor FODM121D Datasheet HTML 8Page - Fairchild Semiconductor FODM121D Datasheet HTML 9Page - Fairchild Semiconductor FODM121D Datasheet HTML 10Page - Fairchild Semiconductor

FODM121D Product details

Description
The FODM124, FODM121, and FODM2701 series consists of a gallium arsenide infrared emitting diode driving a phototransistor in a compact 4-pin mini-flat package. The lead pitch is 2.54 mm. The FODM2705 series consists of two gallium arsenide infrared emitting diodes connected in inverse parallel for AC operation.
   
Features
■ >5mm creepage/clearance
■ Compact 4-pin surface mount package
    (2.4mm maximum standoff height)
■ Current Transfer Ratio in selected groups
    DC Input:
    FODM121: 50–600%        FODM2701: 50–300%
    FODM121A: 100–300%    FODM2701A: 150–300%
    FODM121B: 50–150%      FODM2701B: 80–160%
    FODM121C: 100–200%    FODM124: 100% MIN
    FODM121D: 50–100%
    FODM121E: 150–300%
    FODM121F: 100–600%
    FODM121G: 200–400%
    AC Input:
    FODM2705: 50–300%
■ Available in tape and reel quantities of 500 and 2500
■ Applicable to Infrared Ray reflow
    (260°C max, 10 seconds)
■ C-UL, UL and VDE* certifications
   
Applications
■ Digital logic inputs
■ Microprocessor inputs
■ Power supply monitor
■ Twisted pair line receiver
■ Telephone line receiver
   




Similar Part No. - FODM121D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM121D FAIRCHILD-FODM121D Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results


Similar Description - FODM121D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com