Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24WXX Datasheet (PDF) - Fairchild Semiconductor

NM24WXX Datasheet PDF - Fairchild Semiconductor
Part # NM24WXX
Download  NM24WXX Download
File Size   104.7 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect

NM24WXX Datasheet (PDF)

Go To PDF Page Download Datasheet
NM24WXX Datasheet PDF - Fairchild Semiconductor

Part # NM24WXX
Download  NM24WXX Click to download

File Size   104.7 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect

NM24WXX Datasheet (HTML) - Fairchild Semiconductor


NM24WXX Product details

General Description
The NM24Wxx devices are 2048/4096/8192/16,384 bits, respectively, of CMOS non-volatile electrically erasable memory. These devices conform to all specifications in the IIC 2-wire protocol and are designed to minimize device pin count, and simplify PC board layout requirements.

Features
■ Hardware Write Protect for entire memory
■ Low Power CMOS
   200µA active current typical
   10µA standby current typical
   1µA standby typical (L)
   0.1µA standby typical (LZ)
■ IIC Compatible interface
   — Provides bidirectional data transfer protocol
■ Sixteen byte page write mode
   — Minimizes total write time per byte
■ Self timed write cycle
   — Typical write cycle time of 6ms
■ Endurance: 1,000,000 data changes
■ Data retention greater than 40 years
■ Packages available: 8-pin DIP, 8-pin SO, and 8-pin TSSOP
■ Available in three temperature ranges
   - Commercial: 0° to +70°C
   - Extended (E): -40° to +85C
   - Automotive (V): -40° to +125°C




Similar Part No. - NM24WXX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24W16UEM8 FAIRCHILD-NM24W16UEM8 Datasheet
97Kb / 13P
16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UEMT8 FAIRCHILD-NM24W16UEMT8 Datasheet
97Kb / 13P
16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UEN FAIRCHILD-NM24W16UEN Datasheet
97Kb / 13P
16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UFEM8 FAIRCHILD-NM24W16UFEM8 Datasheet
97Kb / 13P
16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UFEMT8 FAIRCHILD-NM24W16UFEMT8 Datasheet
97Kb / 13P
16K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Similar Description - NM24WXX

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com