Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C65U Datasheet (PDF) - Fairchild Semiconductor

NM24C65U Datasheet PDF - Fairchild Semiconductor
Part # NM24C65U
Download  NM24C65U Download
File Size   89.6 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface

NM24C65U Datasheet (PDF)

Go To PDF Page Download Datasheet
NM24C65U Datasheet PDF - Fairchild Semiconductor

Part # NM24C65U
Download  NM24C65U Click to download

File Size   89.6 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface

NM24C65U Datasheet (HTML) - Fairchild Semiconductor


NM24C65U Product details

General Description:
The NM24C65U is a 64K (65,536) bit serial interface CMOS EEPROM (Electrically Erasable Programmable Read-Only Memory). This device fully conforms to the Extended I2C™ 2-wire protocol which uses Clock (SCL) and Data I/O (SDA) pins to synchronously clock data between the "master" (for example a microprocessor) and the "slave" (the EEPROM device). In addition, the serial interface allows a minimal pin count packaging designed to simplify PC board layout requirements and offers the designer a variety of low voltage and low power options.
   
Features
■ The I2C™ interface allows the smallest I/O pincount of any
    EEPROM interface
■ 32 byte page write mode to minimize total write time per byte
■ Low VCC programming lockout (3.8V)
    — "H" option (Standard VCC range) parts only
■ Typical 200µA active current (ICCA)
■ Typical 1µA standby current (ISB) for "L" devices and 0.1µA
    standby current for "LZ" devices
■ Endurance: Up to 1,000,000 data changes
   
Functions
■ I2C™ compatible interface
■ 65,536 bits organized as 8,192 x 8
■ 100 KHz or 400 KHz operation
■ Extended 2.7V – 5.5V operating voltage
■ Self timed programming cycle (6ms typical)
■ "Programming complete" indicated by ACK polling
■ Memory "Upper Block" Write Protect pin
   




Similar Part No. - NM24C65U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
More results


Similar Description - NM24C65U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24WXX FAIRCHILD-NM24WXX Datasheet
104Kb / 14P
2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com