Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE558D Datasheet (PDF) - Fairchild Semiconductor

NE558D Datasheet PDF - Fairchild Semiconductor
Part # NE558D
Download  NE558D Download

File Size   43.78 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Timer

NE558D Datasheet (PDF)

Go To PDF Page Download Datasheet
NE558D Datasheet PDF - Fairchild Semiconductor

Part # NE558D
Download  NE558D Click to download

File Size   43.78 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Timer

NE558D Datasheet (HTML) - Fairchild Semiconductor

NE558D Datasheet HTML 1Page - Fairchild Semiconductor NE558D Datasheet HTML 2Page - Fairchild Semiconductor NE558D Datasheet HTML 3Page - Fairchild Semiconductor NE558D Datasheet HTML 4Page - Fairchild Semiconductor NE558D Datasheet HTML 5Page - Fairchild Semiconductor NE558D Datasheet HTML 6Page - Fairchild Semiconductor

NE558D Product details

Description
The NE558 series are monolithic Quad Timers which can be used to produce four entirely independent timing func tions. These highly stable, general purpose controllers can be used in a monostable mode to produce accurate time delays, from microseconds to hours. The time is precisely con trolled by one external resistor and one capacitor in the time delay mode. A stable mode can be operated using two of four time sections.

Features
• Wide Supply Voltage Range: 4.5V To 16V
• 100 mA Output Current Per Section
• Edge Triggered Without Coupling Capacitor
• Time Period Equals RC
• Output independent Of Trigger Conditions

Applications
• Quad One-Shot
• Sequential Timing
• Precision Timing
• Time Delay Generation



Similar Part No. - NE558D

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
NE558D PHILIPS-NE558D Datasheet
74Kb / 4P
   Quad timer
August 31, 1994
More results

Similar Description - NE558D

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KA558 FAIRCHILD-KA558 Datasheet
44Kb / 6P
   Quad Timer
NXP Semiconductors
NXP Semiconductors
NE558 PHILIPS-NE558 Datasheet
74Kb / 4P
   Quad timer
August 31, 1994
NTE Electronics
NTE Electronics
NTE926 NTE-NTE926 Datasheet
23Kb / 2P
   Integrated Circuit Quad Timer
Motorola, Inc
Motorola, Inc
MC14415 MOTOROLA-MC14415 Datasheet
256Kb / 7P
   Quad Precision Timer/Driver
Advanced Linear Devices
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
Linear Technology
Linear Technology
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
FOTEK CONTROLS CO., LTD.
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
Festo Corporation.
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com