Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX00 Datasheet (PDF) - Fairchild Semiconductor

74LCX00 Datasheet PDF - Fairchild Semiconductor
Part # 74LCX00_08
Download  74LCX00 Download

File Size   765.12 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs

74LCX00 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX00 Datasheet PDF - Fairchild Semiconductor

Part # 74LCX00_08
Download  74LCX00 Click to download

File Size   765.12 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs

74LCX00 Datasheet (HTML) - Fairchild Semiconductor

Back Button 74LCX00_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX00_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX00_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX00_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX00_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX00_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX00_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX00_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX00_08 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX00_08 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 


Similar Part No. - 74LCX00_08

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results

Similar Description - 74LCX00_08

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
STMicroelectronics
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
Motorola, Inc
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
STMicroelectronics
STMicroelectronics
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
Toshiba Semiconductor
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
Fairchild Semiconductor
Fairchild Semiconductor
74LCX38 FAIRCHILD-74LCX38 Datasheet
124Kb / 7P
   Low Voltage Quad 2-Input NAND Gate (Open Drain) with 5V Tolerant Inputs
STMicroelectronics
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
Fairchild Semiconductor
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com