Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR3040PT Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MUR3040PT Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # MUR3040PT
Download  MUR3040PT Download
File Size   474.58 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS

MUR3040PT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR3040PT Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # MUR3040PT
Download  MUR3040PT Click to download

File Size   474.58 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS

MUR3040PT Datasheet (HTML) - Kersemi Electronic Co., Ltd.


MUR3040PT Product details

These state−of−the−art devices are designed for use in switching power supplies, inverters and as free wheeling diodes.
   
Features
• Ultrafast 35 and 60 Nanosecond Recovery Time
• 175°C Operating Junction Temperature
• High Voltage Capability to 600 V
• Low Forward Drop
• Low Leakage Specified @ 150°C Case Temperature
• Current Derating Specified @ Both Case and Ambient Temperatures
• Epoxy Meets UL 94 V−0 @ 0.125 in
• High Temperature Glass Passivated Junction
• Pb−Free Packages are Available*
   




Similar Part No. - MUR3040PT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR3040PT MOTOROLA-MUR3040PT Datasheet
99Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
15A, 400V - 600V Ultrafast Dual Diodes
logo
List of Unclassifed Man...
MUR3040PT ETC2-MUR3040PT Datasheet
136Kb / 3P
Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
MUR3040PT SIRECTIFIER-MUR3040PT Datasheet
136Kb / 3P
Ultra Fast Recovery Diodes
logo
ON Semiconductor
MUR3040PT ONSEMI-MUR3040PT Datasheet
119Kb / 7P
SWITCHMODE Power Rectifiers
October, 2008 ??Rev. 9
More results


Similar Description - MUR3040PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURP20020CT ONSEMI-MURP20020CT_06 Datasheet
115Kb / 3P
ULTRAFAST RECTIFIERS 200 AMPERES, 200??00 VOLTS
September, 2006 ??Rev. 6
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com