Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C2V4S Datasheet (PDF) - Micro Commercial Components

BZT52C2V4S Datasheet PDF - Micro Commercial Components
Part # BZT52C2V4S
Download  BZT52C2V4S Download

File Size   282.09 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mW Zener Diode 2.4 to 39 Volts

BZT52C2V4S Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C2V4S Datasheet PDF - Micro Commercial Components

Part # BZT52C2V4S
Download  BZT52C2V4S Click to download

File Size   282.09 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mW Zener Diode 2.4 to 39 Volts

BZT52C2V4S Datasheet (HTML) - Micro Commercial Components

BZT52C2V4S Datasheet HTML 1Page - Micro Commercial Components BZT52C2V4S Datasheet HTML 2Page - Micro Commercial Components BZT52C2V4S Datasheet HTML 3Page - Micro Commercial Components BZT52C2V4S Datasheet HTML 4Page - Micro Commercial Components

BZT52C2V4S Product details

Features
• Planar Die Construction
• 200mW Power Dissipation on Ceramic PCB
• General Purpose Medium Current
• Ideally Suited for Automated Assembly Processes
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/RoHS Compliant("P" Suffix
   designates RoHS Compliant. See ordering information)
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BZT52C2V4S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
BZT52C2V4S YIXIN-BZT52C2V4S Datasheet
260Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C2V4S DIODES-BZT52C2V4S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
BZT52C2V4S DIODES-BZT52C2V4S Datasheet
88Kb / 4P
   SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
BZT52C2V4S SMC-BZT52C2V4S Datasheet
139Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
BZT52C2V4S CHENDA-BZT52C2V4S Datasheet
956Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results


Similar Description - BZT52C2V4S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
   350 mW Zener Diode 2.4 to 39 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com