Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ14M5X Datasheet (PDF) - Fairchild Semiconductor

NC7SZ14M5X Datasheet PDF - Fairchild Semiconductor
Part # NC7SZ14M5X
Download  NC7SZ14M5X Download

File Size   108.53 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Inverter with Schmitt Trigger Input

NC7SZ14M5X Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SZ14M5X Datasheet PDF - Fairchild Semiconductor

Part # NC7SZ14M5X
Download  NC7SZ14M5X Click to download

File Size   108.53 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Inverter with Schmitt Trigger Input

NC7SZ14M5X Datasheet (HTML) - Fairchild Semiconductor

NC7SZ14M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ14M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ14M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ14M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ14M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ14M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ14M5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ14M5X Datasheet HTML 8Page - Fairchild Semiconductor

NC7SZ14M5X Product details

Description
The NC7SZ14 is a single inverter with Schmitt trigger input from Fairchilds Ultra-High Speed (UHS) series of TinyLogic®. The device is fabricated with advanced CMOS technology to achieve ultra-high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC range. The inputs and outputs are high-impedance when VCC is 0V. Inputs tolerate voltages up to 6V independent of VCC operating voltage.

Features
■ Ultra-High Speed: tPD 3.7ns (Typical) into 50pF at
   5V VCC
■ High Output Drive: ±24mA at 3V VCC
■ Broad VCC Operating Range: 1.65V to 5.5V
■ Matches Performance of LCX when Operated at
   3.3V VCC
■ Power Down High Impedance Inputs/Outputs
■ Over-Voltage Tolerance Inputs Facilitate 5V to 3V
   Translation
■ Proprietary Noise/EMI Reduction Circuitry
■ Ultra-Small MicroPak™ Packages
■ Space-Saving SOT23 and SC70 Packages




Similar Part No. - NC7SZ14M5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ14M5X FAIRCHILD-NC7SZ14M5X Datasheet
157Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14M5X FAIRCHILD-NC7SZ14M5X Datasheet
598Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SZ14M5X ONSEMI-NC7SZ14M5X Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
NC7SZ14M5X ONSEMI-NC7SZ14M5X Datasheet
444Kb / 11P
   TinyLogic UHS Inverter with Schmitt Trigger Input
March, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7SZ14M5X FAIRCHILD-NC7SZ14M5X_10 Datasheet
598Kb / 10P
   TinyLogic짰 UHS Inverter with Schmitt Trigger Input
More results


Similar Description - NC7SZ14M5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ14 FAIRCHILD-NC7SZ14_04 Datasheet
157Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7NZ14 FAIRCHILD-NC7NZ14_05 Datasheet
211Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14FHX FAIRCHILD-NC7SZ14FHX Datasheet
598Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7NZ14 FAIRCHILD-NC7NZ14 Datasheet
138Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7NZ14 ONSEMI-NC7NZ14 Datasheet
619Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
April 2014 Rev. 1.0.2
NC7SZ14 ONSEMI-NC7SZ14_V01 Datasheet
444Kb / 11P
   TinyLogic UHS Inverter with Schmitt Trigger Input
March, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com