Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1871YRSZ Datasheet (PDF) - Analog Devices

AD1871YRSZ Datasheet PDF - Analog Devices
Part # AD1871YRSZ
Download  AD1871YRSZ Download
File Size   1389.74 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC

AD1871YRSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1871YRSZ Datasheet PDF - Analog Devices

Part # AD1871YRSZ
Download  AD1871YRSZ Click to download

File Size   1389.74 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC

AD1871YRSZ Datasheet (HTML) - Analog Devices


AD1871YRSZ Product details

PRODUCT OVERVIEW

The AD1871 is a stereo audio ADC intended for digital audio applications requiring high performance analog-to-digital conversion. It features two 24-bit conversion channels each with programmable gain amplifier (PGA), multibit sigma-delta modulator, and decimation filters. Each channel provides 105 db of dynamic range, making the AD1871 suitable for applications such as digital audio recorders and mixing consoles.



FEATURES

5.0 V Stereo Audio ADC with 3.3 V Tolerant Digital Interface

Supports 96 kHz Sample Rates

Supports 16-/20-/24-Bit Word Lengths

Multibit Sigma-Delta Modulators with “Perfect Differential Linearity Restoration” for Reduced Idle Tones and Noise Floor

105 dB (Typ) Dynamic Range

Supports 256/512 and 768 fS Master Clocks

Flexible Serial Data Port

Allows Right-Justified, Left-Justified, I2S Compatible and DSP Serial Port Modes

Cascadable (up to Four Devices) from a Single DSP SPORT

Device Control via SPI Compatible Serial Port or Optional Control Pins

On-Chip Reference

28-Lead SSOP Package



APPLICATIONS

Professional Audio

Mixing Consoles

Musical Instruments

Digital Audio Recorders, Including

CD-R, MD, DVD-R, DAT, HDD

Home Theater Systems

Automotive Audio Systems

Multimedia




Similar Part No. - AD1871YRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1871YRS AD-AD1871YRS Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1871YRS-REEL AD-AD1871YRS-REEL Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
More results






About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com