Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7NZ17L8X Datasheet (PDF) - Fairchild Semiconductor

NC7NZ17L8X Datasheet PDF - Fairchild Semiconductor
Part # NC7NZ17L8X
Download  NC7NZ17L8X Download

File Size   219.67 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs

NC7NZ17L8X Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7NZ17L8X Datasheet PDF - Fairchild Semiconductor

Part # NC7NZ17L8X
Download  NC7NZ17L8X Click to download

File Size   219.67 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs

NC7NZ17L8X Datasheet (HTML) - Fairchild Semiconductor

NC7NZ17L8X Datasheet HTML 1Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 2Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 3Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 4Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 5Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 6Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 7Page - Fairchild Semiconductor NC7NZ17L8X Datasheet HTML 8Page - Fairchild Semiconductor

NC7NZ17L8X Product details

General Description
The NC7NZ17 is a triple buffer with Schmitt trigger inputs from Fairchild’s Ultra High Speed Series of TinyLogic® in the US8 package. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC range. The inputs and outputs are high impedance when VCC is 0V. Inputs tolerate voltages up to 7V independent of VCC operating voltage. Schmitt trigger inputs typically achieve 1V hysteresis between the positive going and negative going input threshold voltage at 5V VCC.

Features
■ Space saving US8 surface mount package
■ MicroPak™ Pb-Free leadless package
■ Ultra High Speed: tPD 3.6 ns Typ into 50 pF at 5V VCC
■ High Output Drive: ±24 mA at 3V VCC
■ Broad VCC Operating Range; 1.65V to 5.5V
■ Power down high impedance inputs/outputs
■ Overvoltage tolerant inputs facilitate 5V to 3V translation
■ Patented noise/EMI reduction circuitry implemented




Similar Part No. - NC7NZ17L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ17L8X FAIRCHILD-NC7NZ17L8X Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7NZ17L8X ONSEMI-NC7NZ17L8X Datasheet
310Kb / 10P
   TinyLogic UHS Triple Buffer
Revised November 2005
More results


Similar Description - NC7NZ17L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17_05 Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14_V01 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com