Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV9100 Datasheet (PDF) - Fairchild Semiconductor

MV9100 Datasheet PDF - Fairchild Semiconductor
Part # MV9100
Download  MV9100 Download

File Size   240.24 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SUPER BRIGHT 10 mm LED LAMPS

MV9100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MV9100 Datasheet PDF - Fairchild Semiconductor

Part # MV9100
Download  MV9100 Click to download

File Size   240.24 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SUPER BRIGHT 10 mm LED LAMPS

MV9100 Datasheet (HTML) - Fairchild Semiconductor

MV9100 Datasheet HTML 1Page - Fairchild Semiconductor MV9100 Datasheet HTML 2Page - Fairchild Semiconductor MV9100 Datasheet HTML 3Page - Fairchild Semiconductor MV9100 Datasheet HTML 4Page - Fairchild Semiconductor

MV9100 Product details

DESCRIPTION
These 10 mm super bright LEDs hava a narrow 8° viewing angle for concentrated light output. The MV9100/1/2 are made with GaA1As LEDs on a GaAs substrate.
They are all encapsulated in an epoxy package and have water clear lenses.

FEATURES
■ Outstanding material efficiency.
■ Low drive current.
■ Solid state reliability.
■ Super high brightness suitable for outdoor applications.
■ Standard 1 mil. lead spacing.




Similar Part No. - MV9100

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
MV93 CISCO-MV93 Datasheet
312Kb / 5P
   MV93 Cloud-Managed Smart Cameras
logo
Fairchild Semiconductor
MV942 FAIRCHILD-MV942 Datasheet
183Kb / 5P
   SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR
MV942-3 FAIRCHILD-MV942-3 Datasheet
183Kb / 5P
   SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR
MV942-4 FAIRCHILD-MV942-4 Datasheet
183Kb / 5P
   SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR
MV942-8 FAIRCHILD-MV942-8 Datasheet
183Kb / 5P
   SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR
More results


Similar Description - MV9100

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF15243-PF LIGITEK-L9SEF15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13433S-PF LIGITEK-LURF13433S-PF Datasheet
124Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com