Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2191MBCA-140 Datasheet (PDF) - Analog Devices

ADSP-2191MBCA-140 Datasheet PDF - Analog Devices
Part # ADSP-2191MBCA-140
Download  ADSP-2191MBCA-140 Download

File Size   728.06 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DSP Microcomputer

ADSP-2191MBCA-140 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-2191MBCA-140 Datasheet PDF - Analog Devices

Part # ADSP-2191MBCA-140
Download  ADSP-2191MBCA-140 Click to download

File Size   728.06 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DSP Microcomputer

ADSP-2191MBCA-140 Datasheet (HTML) - Analog Devices

Back Button ADSP-2191MBCA-140 Datasheet HTML 1Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 2Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 3Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 4Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 5Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 6Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 7Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 8Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 9Page - Analog Devices ADSP-2191MBCA-140 Datasheet HTML 10Page - Analog Devices Next Button 

ADSP-2191MBCA-140 Product details

GENERAL DESCRIPTION
The ADSP-2191M DSP is a single-chip microcomputer optimized for digital signal processing (DSP) and other high speed numeric processing applications.
The ADSP-2191M combines the ADSP-219x family base architecture (three computational units, two data address gener ators, and a program sequencer) with three serial ports, two SPI-compatible ports, one UART port, a DMA controller, three programmable timers, general-purpose Programmable Flag pins, extensive interrupt capabilities, and on-chip program and data memory spaces.
The ADSP-2191M architecture is code-compatible with DSPs of the ADSP-218x family. Although the architectures are compatible, the ADSP-2191M architecture has a number of enhancements over the ADSP-218x architecture. The enhance ments to computational units, data address generators, and program sequencer make the ADSP-2191M more flexible and even easier to program.

PERFORMANCE FEATURES
   6.25 ns Instruction Cycle Time, for up to 160 MIPS Sustained Performance
   ADSP-218x Family Code Compatible with the Same Easy to Use Algebraic Syntax
   Single-Cycle Instruction Execution
   Single-Cycle Context Switch between Two Sets of Computation and Memory Instructions
   Instruction Cache Allows Dual Operand Fetches in Every Instruction Cycle
   Multifunction Instructions
   Pipelined Architecture Supports Efficient Code Execution
   Architectural Enhancements for Compiled C and C++ Code Efficiency
   Architectural Enhancements beyond ADSP-218x Family
   are Supported with Instruction Set Extensions for Added Registers, and Peripherals
   Flexible Power Management with User-Selectable Power-Down and Idle Modes

INTEGRATION FEATURES
   160 K Bytes On-Chip RAM Configured as 32K Words 24-Bit Memory RAM and 32K Words 16-Bit Memory RAM
   Dual-Purpose 24-Bit Memory for Both Instruction and Data Storage
   Independent ALU, Multiplier/Accumulator, and Barrel
      Shifter Computational Units with Dual 40-bit Accumulators
   Unified Memory Space Allows Flexible Address Generation, Using Two Independent DAG Units
   Powerful Program Sequencer Provides Zero-Overhead
   Looping and Conditional Instruction Execution
   Enhanced Interrupt Controller Enables Programming of Interrupt Priorities and Nesting Modes

SYSTEM INTERFACE FEATURES
   Host Port with DMA Capability for Glueless 8- or 16-Bit Host Interface
   16-Bit External Memory Interface for up to 16M Words of Addressable Memory Space
   Three Full-Duplex Multichannel Serial Ports, with
      Support for H.100 and up to 128 TDM Channels with
      A-Law and μ-Law Companding Optimized for Telecom
      munications Systems
   Two SPI-Compatible Ports with DMA Support
   UART Port with DMA Support
   16 General-Purpose I/O Pins with Integrated Interrupt Support
   Three Programmable Interval Timers with PWM
      Generation, PWM Capture/Pulsewidth Measurement,
      and External Event Counter Capabilities
   Up to 11 DMA Channels Can Be Active at Any Given Time for High I/O Throughput
   On-Chip Boot ROM for Automatic Booting from External
   8- or 16-Bit Host Device, SPI ROM, or UART with Autobaud Detection
   Programmable PLL Supports 1x to 32x Input Frequency
   Multiplication and Can Be Altered during Runtime
      IEEE JTAG Standard 1149.1 Test Access Port Supports
   On-Chip Emulation and System Debugging 2.5 V Internal Operation and 3.3 V I/O
   144-Lead LQFP and 144-Ball Mini-BGA Packages




Similar Part No. - ADSP-2191MBCA-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MBCA-140 AD-ADSP-2191MBCA-140 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
More results


Similar Description - ADSP-2191MBCA-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com