Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8980501CA Datasheet (PDF) - Analog Devices

5962-8980501CA Datasheet PDF - Analog Devices
Part # 5962-8980501CA
Download  5962-8980501CA Download

File Size   558.84 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Circuit True RMS-to-DC Converter

5962-8980501CA Datasheet (PDF)

Go To PDF Page Download Datasheet
5962-8980501CA Datasheet PDF - Analog Devices

Part # 5962-8980501CA
Download  5962-8980501CA Click to download

File Size   558.84 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Circuit True RMS-to-DC Converter

5962-8980501CA Datasheet (HTML) - Analog Devices

Back Button 5962-8980501CA Datasheet HTML 1Page - Analog Devices 5962-8980501CA Datasheet HTML 2Page - Analog Devices 5962-8980501CA Datasheet HTML 3Page - Analog Devices 5962-8980501CA Datasheet HTML 4Page - Analog Devices 5962-8980501CA Datasheet HTML 5Page - Analog Devices 5962-8980501CA Datasheet HTML 6Page - Analog Devices 5962-8980501CA Datasheet HTML 7Page - Analog Devices 5962-8980501CA Datasheet HTML 8Page - Analog Devices 5962-8980501CA Datasheet HTML 9Page - Analog Devices 5962-8980501CA Datasheet HTML 10Page - Analog Devices Next Button 

5962-8980501CA Product details

GENERAL DESCRIPTION

The AD536A is a complete monolithic integrated circuit that performs true rms-to-dc conversion. It offers performance comparable or superior to that of hybrid or modular units costing much more. The AD536A directly computes the true rms value of any complex input waveform containing ac and dc components.

A crest factor compensation scheme allows measurements with 1% error at crest factors up to 7. The wide bandwidth of the device extends the measurement capability to 300 kHz with less than 3 dB errors for signal levels greater than 100 m V.



FEATURES

True rms-to-dc conversion

Laser trimmed to high accuracy

  ±0.2% maximum error (AD536AK)

  ±0.5% maximum error (AD536AJ)

Wide response capability

  Computes rms of ac and dc signals

  450 kHz bandwidth: V rms > 100 mV

  2 MHz bandwidth: V rms > 1 V

  Signal crest factor of 7 for 1% error

dB output with 60 dB range

Low power: 1.2 mA quiescent current

Single- or dual-supply operation

Monolithic integrated circuit

−55°C to +125°C operation (AD536AS)




Similar Part No. - 5962-8980501CA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8980501CA AD-5962-8980501CA Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
More results


Similar Description - 5962-8980501CA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
AD536A AD-AD536A Datasheet
151Kb / 8P
   Integrated Circuit True RMS-to-DC Converter
REV. B
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
AD636 AD-AD636_13 Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com