Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HCT14 Datasheet (PDF) - Fairchild Semiconductor

MM74HCT14 Datasheet PDF - Fairchild Semiconductor
Part # MM74HCT14
Download  MM74HCT14 Download

File Size   87.48 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Inverting Schmitt Trigger

MM74HCT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM74HCT14 Datasheet PDF - Fairchild Semiconductor

Part # MM74HCT14
Download  MM74HCT14 Click to download

File Size   87.48 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Inverting Schmitt Trigger

MM74HCT14 Datasheet (HTML) - Fairchild Semiconductor

MM74HCT14 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 6Page - Fairchild Semiconductor

MM74HCT14 Product details

Description

The MM74HCT14 utilizes advanced silicon-gate CMOS technology to achieve the low power dissipation and high noise immunity of standard CMOS, as well as the capability to drive 10 LS-TTL loads. The 74HCT logic family is functionally and pinout compatible with the standard 74LS logic family. Inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.



Features

ƒ Typical Propagation Delay: 13ns

ƒ Wide Power Supply Range: 4.5V–5.5V

ƒ Low Quiescent Current: 10µA Maximum

ƒ Low Input Current: 1µA Maximum

ƒ Fanout of 10 LS-TTL Loads

ƒ Typical Hysteresis Voltage: 0.6V at VCC = 4.5V

ƒ TTL, LS Pin-out and Input Threshold Compatible




Similar Part No. - MM74HCT14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HCT14 ONSEMI-MM74HCT14 Datasheet
245Kb / 10P
   Hex Inverting Schmitt Trigger
October 2009 Rev. 1.4.2
logo
National Semiconductor ...
MM74HCT147 NSC-MM74HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
MM74HCT147J NSC-MM74HCT147J Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
logo
Fairchild Semiconductor
MM74HCT14M FAIRCHILD-MM74HCT14M Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Similar Description - MM74HCT14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com