Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC574 Datasheet (PDF) - Fairchild Semiconductor

MM74HC574 Datasheet PDF - Fairchild Semiconductor
Part # MM74HC574
Download  MM74HC574 Download

File Size   90.48 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-STATE Octal D-Type Edge-Triggered Flip-Flop

MM74HC574 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM74HC574 Datasheet PDF - Fairchild Semiconductor

Part # MM74HC574
Download  MM74HC574 Click to download

File Size   90.48 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-STATE Octal D-Type Edge-Triggered Flip-Flop

MM74HC574 Datasheet (HTML) - Fairchild Semiconductor

MM74HC574 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC574 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC574 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC574 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC574 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC574 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC574 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC574 Datasheet HTML 8Page - Fairchild Semiconductor

MM74HC574 Product details

General Description

The MM74HC574 high speed octal D-type flip-flops utilize advanced silicon-gate P-well CMOS technology. They possess the high noise immunity and low power consumption of standard CMOS integrated circuits, as well as the ability to drive 15 LS-TTL loads. Due to the large output drive capability and the 3-STATE feature, these devices are ideally suited for interfacing with bus lines in a bus organized system.

These devices are positive edge triggered flip-flops. Data at the D inputs, meeting the set-up and hold time require ments, are transferred to the Q outputs on positive going transitions of the CLOCK (CK) input. When a high logic level is applied to the OUTPUT CONTROL (OC) input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements.

The 74HC logic family is speed, function, and pinout compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.



Features

■ Typical propagation delay: 18 ns

■ Wide operating voltage range: 2V–6V

■ Low input current: 1 PA maximum

■ Low quiescent current: 80 PA maximum

■ Compatible with bus-oriented systems

■ Output drive capability: 15 LS-TTL loads



 




Similar Part No. - MM74HC574

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC574 ONSEMI-MM74HC574 Datasheet
145Kb / 8P
   3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
logo
Fairchild Semiconductor
MM74HC574MTC FAIRCHILD-MM74HC574MTC Datasheet
105Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
ON Semiconductor
MM74HC574MTC ONSEMI-MM74HC574MTC Datasheet
145Kb / 8P
   3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
logo
Fairchild Semiconductor
MM74HC574N FAIRCHILD-MM74HC574N Datasheet
105Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
ON Semiconductor
MM74HC574N ONSEMI-MM74HC574N Datasheet
145Kb / 8P
   3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
More results


Similar Description - MM74HC574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS374 FAIRCHILD-DM74ALS374 Datasheet
72Kb / 7P
   Octal 3-STATE D-Type Edge-Triggered Flip-Flop
MM74HC574SJX FAIRCHILD-MM74HC574SJX Datasheet
105Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
ON Semiconductor
MM74HC574 ONSEMI-MM74HC574 Datasheet
145Kb / 8P
   3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com