Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC4060 Datasheet (PDF) - Fairchild Semiconductor

MM74HC4060 Datasheet PDF - Fairchild Semiconductor
Part # MM74HC4060
Download  MM74HC4060 Download
File Size   84.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 14 Stage Binary Counter

MM74HC4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM74HC4060 Datasheet PDF - Fairchild Semiconductor

Part # MM74HC4060
Download  MM74HC4060 Click to download

File Size   84.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 14 Stage Binary Counter

MM74HC4060 Datasheet (HTML) - Fairchild Semiconductor


MM74HC4060 Product details

General Description

The MM74HC4060 is a high speed binary ripple carry counter. These counters are implemented utilizing advanced silicon-gate CMOS technology to achieve speed performance similar to LS-TTL logic while retaining the low power and high noise immunity of CMOS.

The MM74HC4060 is a 14-stage counter, which device increments on the falling edge (negative transition) of the input clock, and all their outputs are reset to a low level by applying a logical high on their reset input. The MM74HC4060 also has two additional inputs to enable easy connection of either an RC or crystal oscillator.

This device is pin equivalent to the CD4060. All inputs are protected from damage due to static discharge by protection diodes to VCC and ground.



Features

■ Typical propagation delay: 16 ns

■ Wide operating voltage range: 2–6V

■ Low input current: 1 µA maximum

■ Low quiescent current: 80 µA maximum (74 Series)

■ Output drive capability: 10 LS-TTL loads



 




Similar Part No. - MM74HC4060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
124Kb / 10P
Quad Analog Switch
MM74HC4066M FAIRCHILD-MM74HC4066M Datasheet
122Kb / 10P
Quad Analog Switch
MM74HC4066M FAIRCHILD-MM74HC4066M Datasheet
124Kb / 10P
Quad Analog Switch
MM74HC4066MTC FAIRCHILD-MM74HC4066MTC Datasheet
122Kb / 10P
Quad Analog Switch
More results


Similar Description - MM74HC4060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
14-stage binary counter
January 1995
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4020 HITACHI-HD74HC4020 Datasheet
53Kb / 9P
14-stage Binary Counter
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
14-stage Binary Counter
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
14 STAGE BINARY COUNTER
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
14-stage Binary Counter
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
14-stage binary counter
Rev. 8-18 November 2011
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020_15 Datasheet
114Kb / 9P
14-stage Binary Counter
logo
Nexperia B.V. All right...
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
14-stage binary counter
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com