Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC374N Datasheet (PDF) - Fairchild Semiconductor

MM74HC374N Datasheet PDF - Fairchild Semiconductor
Part # MM74HC374N
Download  MM74HC374N Download
File Size   89.37 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-STATE Octal D-Type Flip-Flop

MM74HC374N Datasheet (PDF)

Go To PDF Page Download Datasheet
MM74HC374N Datasheet PDF - Fairchild Semiconductor

Part # MM74HC374N
Download  MM74HC374N Click to download

File Size   89.37 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-STATE Octal D-Type Flip-Flop

MM74HC374N Datasheet (HTML) - Fairchild Semiconductor


MM74HC374N Product details

General Description
The MM74HC374 high speed Octal D-Type Flip-Flops utilize advanced silicon-gate CMOS technology. They possess the high noise immunity and low power consumption of standard CMOS integrated circuits, as well as the ability to drive 15 LS-TTL loads. Due to the large output drive capability and the 3-STATE feature, these devices are ideally suited for interfacing with bus lines in a bus organized system.

Features
■ Typical propagation delay: 20 ns
■ Wide operating voltage range: 2–6V
■ Low input current: 1 PA maximum
■ Low quiescent current: 80 μA maximum
■ Compatible with bus-oriented systems
■ Output drive capability: 15 LS-TTL loads




Similar Part No. - MM74HC374N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC374N FAIRCHILD-MM74HC374N Datasheet
102Kb / 8P
3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374N ONSEMI-MM74HC374N Datasheet
209Kb / 10P
3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results


Similar Description - MM74HC374N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
3-STATE Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
Octal D-type flip-flop 3-State
1995 May 22
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com