Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC4046 Datasheet (PDF) - Fairchild Semiconductor

MM74HC4046 Datasheet PDF - Fairchild Semiconductor
Part # MM74HC4046
Download  MM74HC4046 Download

File Size   250.91 Kbytes
Page   17 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description CMOS Phase Lock Loop

MM74HC4046 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM74HC4046 Datasheet PDF - Fairchild Semiconductor

Part # MM74HC4046
Download  MM74HC4046 Click to download

File Size   250.91 Kbytes
Page   17 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description CMOS Phase Lock Loop

MM74HC4046 Datasheet (HTML) - Fairchild Semiconductor

Back Button MM74HC4046 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4046 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4046 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4046 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4046 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4046 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4046 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4046 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4046 Datasheet HTML 9Page - Fairchild Semiconductor MM74HC4046 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

MM74HC4046 Product details

General Description
The MM74HC4046 is a low power phase lock loop utilizing advanced silicon-gate CMOS technology to obtain high frequency operation both in the phase comparator and VCO sections. This device contains a low power linear voltage controlled oscillator (VCO), a source follower, and three phase comparators. The three phase comparators have a common signal input and a common comparator input. The signal input has a self biasing amplifier allowing signals to be either capacitively coupled to the phase comparators with a small signal or directly coupled with standard input logic levels. This device is similar to the CD4046 except that the Zener diode of the metal gate CMOS device has been replaced with a third phase comparator.

Features
■ Low dynamic power consumption: (VCC = 4.5V)
■ Maximum VCO operating frequency: 12 MHz (VCC = 4.5V)
■ Fast comparator response time (VCC = 4.5V)
    Comparator I: 25 ns
    Comparator II: 30 ns
    Comparator III: 25 ns
■ VCO has high linearity and high temperature stability




Similar Part No. - MM74HC4046

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4040 FAIRCHILD-MM74HC4040 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040M FAIRCHILD-MM74HC4040M Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040MTC FAIRCHILD-MM74HC4040MTC Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040N FAIRCHILD-MM74HC4040N Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040SJ FAIRCHILD-MM74HC4040SJ Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results


Similar Description - MM74HC4046

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046_03 Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
Toshiba Semiconductor
T4K71 TOSHIBA-T4K71 Datasheet
189Kb / 2P
   Built-in phase lock loop
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com