Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C74 Datasheet (PDF) - Fairchild Semiconductor

MM74C74 Datasheet PDF - Fairchild Semiconductor
Part # MM74C74
Download  MM74C74 Download
File Size   76.0 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual D-Type Flip-Flop

MM74C74 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM74C74 Datasheet PDF - Fairchild Semiconductor

Part # MM74C74
Download  MM74C74 Click to download

File Size   76.0 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual D-Type Flip-Flop

MM74C74 Datasheet (HTML) - Fairchild Semiconductor


MM74C74 Product details

General Description
The MM74C74 dual D-type flip-flop is a monolithic complementary MOS (CMOS) integrated circuit constructed with N- and P-channel enhancement transistors. Each flip-flop has independent data, preset, clear and clock inputs and Q and Q outputs. The logic level present at the data input is transferred to the output during the positive going transition of the clock pulse. Preset or clear is independent of the clock and accomplished by a low level at the preset or clear input.

Features
■ Supply voltage range: 3V to 15V
■ Tenth power TTL compatible: Drive 2 LPT2L loads
■ High noise immunity: 0.45 VCC (typ.)
■ Low power: 50 nW (typ.)
■ Medium speed operation: 10 MHz (typ.) with 10V supply

Applications
• Automotive
• Data terminals
• Instrumentation
• Medical electronics
• Alarm system
• Industrial electronics
• Remote metering
• Computers




Similar Part No. - MM74C74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C74 NSC-MM74C74 Datasheet
120Kb / 6P
Dual D Flip-Flop
MM74C74J NSC-MM74C74J Datasheet
120Kb / 6P
Dual D Flip-Flop
MM74C74N NSC-MM74C74N Datasheet
120Kb / 6P
Dual D Flip-Flop
More results


Similar Description - MM74C74

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
Dual D-type flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com