Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78M05 Datasheet (PDF) - Fairchild Semiconductor

78M05 Datasheet PDF - Fairchild Semiconductor
Part # 78M05
Download  78M05 Download

File Size   88.87 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5A Positive Voltage Regulator

78M05 Datasheet (PDF)

Go To PDF Page Download Datasheet
78M05 Datasheet PDF - Fairchild Semiconductor

Part # 78M05
Download  78M05 Click to download

File Size   88.87 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5A Positive Voltage Regulator

78M05 Datasheet (HTML) - Fairchild Semiconductor

Back Button 78M05 Datasheet HTML 1Page - Fairchild Semiconductor 78M05 Datasheet HTML 2Page - Fairchild Semiconductor 78M05 Datasheet HTML 3Page - Fairchild Semiconductor 78M05 Datasheet HTML 4Page - Fairchild Semiconductor 78M05 Datasheet HTML 5Page - Fairchild Semiconductor 78M05 Datasheet HTML 6Page - Fairchild Semiconductor 78M05 Datasheet HTML 7Page - Fairchild Semiconductor 78M05 Datasheet HTML 8Page - Fairchild Semiconductor 78M05 Datasheet HTML 9Page - Fairchild Semiconductor 78M05 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

78M05 Product details

Description
The MC78MXX/LM78MXX series of three-terminal positive regulators are available in the TO-220/D-PAK package with several fixed output voltages making it useful in a wide range of applications.

Features
• Output Current up to 0.5A
• Output Voltages of 5, 6, 8, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area (SOA)Protection



Similar Part No. - 78M05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
78M05 TOSHIBA-78M05 Datasheet
669Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Guangdong Youtai Semico...
78M05 UMW-78M05 Datasheet
1Mb / 11P
   The 78MXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
logo
List of Unclassifed Man...
78M05 ETC1-78M05 Datasheet
253Kb / 2P
   LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Guangdong Youtai Semico...
78M05 UMW-78M05 Datasheet
1Mb / 11P
   The 78MXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
More results


Similar Description - 78M05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com