Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM239ANX Datasheet (PDF) - Fairchild Semiconductor

LM239ANX Datasheet PDF - Fairchild Semiconductor
Part # LM239ANX
Download  LM239ANX Download

File Size   86.28 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Comparator

LM239ANX Datasheet (PDF)

Go To PDF Page Download Datasheet
LM239ANX Datasheet PDF - Fairchild Semiconductor

Part # LM239ANX
Download  LM239ANX Click to download

File Size   86.28 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Comparator

LM239ANX Datasheet (HTML) - Fairchild Semiconductor

LM239ANX Datasheet HTML 1Page - Fairchild Semiconductor LM239ANX Datasheet HTML 2Page - Fairchild Semiconductor LM239ANX Datasheet HTML 3Page - Fairchild Semiconductor LM239ANX Datasheet HTML 4Page - Fairchild Semiconductor LM239ANX Datasheet HTML 5Page - Fairchild Semiconductor LM239ANX Datasheet HTML 6Page - Fairchild Semiconductor LM239ANX Datasheet HTML 7Page - Fairchild Semiconductor LM239ANX Datasheet HTML 8Page - Fairchild Semiconductor

LM239ANX Product details

Description
The LM339/LM339A ,LM239A, LM2901 consist of four independent voltage comparators designed to operate from single power supply over a wide voltage range.

Features
• Single or Dual Supply Operation
• Wide Range of Supply Voltage LM2901, LM339/LM339A, LM239A: 2 ~ 36V (or ±1,  ±18V)
• Low Supply Current Drain 800μA Typ.
• Open Collector Outputs for Wired and Connectors
• Low Input Bias Current 25nA Typ.
• Low Input Offset Current ±2.3nA Typ.
• Low Input Offset Voltage ±1.4mV Typ.
• Input Common Mode Voltage Range Includes Ground
• Low Output Saturation Voltage
• Output Compatible With TTL, DTL and MOS Logic System




Similar Part No. - LM239ANX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM239AN MOTOROLA-LM239AN Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
Texas Instruments
LM239AN TI1-LM239AN Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
logo
ON Semiconductor
LM239AN ONSEMI-LM239AN Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
NXP Semiconductors
LM239AN PHILIPS-LM239AN Datasheet
75Kb / 10P
   Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM239AN STMICROELECTRONICS-LM239AN Datasheet
163Kb / 10P
   LOWPOWER QUAD VOLTAGE COMPARATORS
More results


Similar Description - LM239ANX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
   Quad comparator
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
KA239 FAIRCHILD-KA239 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
   Quad Comparator
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com