Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM319M Datasheet (PDF) - Fairchild Semiconductor

LM319M Datasheet PDF - Fairchild Semiconductor
Part # LM319M
Download  LM319M Download
File Size   111.76 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Comparator

LM319M Datasheet (PDF)

Go To PDF Page Download Datasheet
LM319M Datasheet PDF - Fairchild Semiconductor

Part # LM319M
Download  LM319M Click to download

File Size   111.76 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Comparator

LM319M Datasheet (HTML) - Fairchild Semiconductor


LM319M Product details

Description
The LM319 is a dual high speed voltage comparator designed to operate from a single + 5V supply up to ±15V dual supplies. Open collector of the output stage makes the LM319 compatible with RTL, DTL and TTL as well as capable of driving lamps and relays at currents up to 25mA. Typical response time of 80ns with ±15V power supplies makes the LM319 ideal for application in fast A/D converts, level shifters, oscillators, and multivibrators.

Features
• Operates from a single 5V supply
• Typically 80ns response time at ±15V
• Open collector outputs : up to + 35V
• High output drive current : 25mA
• Inputs and outputs can be isolated from system ground
• Minimum fan-out of 2 (each side)
• Two independent comparators




Similar Part No. - LM319M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM319M NSC-LM319M Datasheet
329Kb / 11P
High Speed Dual Comparator
logo
Fairchild Semiconductor
LM319M FAIRCHILD-LM319M Datasheet
174Kb / 8P
Dual Comparator
logo
Texas Instruments
LM319M TI1-LM319M Datasheet
1Mb / 21P
High Speed Dual Comparator
LM319M/NOPB TI1-LM319M/NOPB Datasheet
1Mb / 21P
High Speed Dual Comparator
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
More results


Similar Description - LM319M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
DUAL COMPARATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com