Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSE45H1 Datasheet (PDF) - Fairchild Semiconductor

KSE45H1 Datasheet PDF - Fairchild Semiconductor
Part # KSE45H1
Download  KSE45H1 Download

File Size   40.86 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description General Purpose Power Switching Applications

KSE45H1 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSE45H1 Datasheet PDF - Fairchild Semiconductor

Part # KSE45H1
Download  KSE45H1 Click to download

File Size   40.86 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description General Purpose Power Switching Applications

KSE45H1 Datasheet (HTML) - Fairchild Semiconductor

KSE45H1 Datasheet HTML 1Page - Fairchild Semiconductor KSE45H1 Datasheet HTML 2Page - Fairchild Semiconductor KSE45H1 Datasheet HTML 3Page - Fairchild Semiconductor KSE45H1 Datasheet HTML 4Page - Fairchild Semiconductor

KSE45H1 Product details

General Purpose Power Switching Applications

• Low Collector-Emitter Saturation Voltage: VCE(sat) = -1V (MAX)@-8A
• Fast Switching Speeds
• Complement to KSE44H




Similar Part No. - KSE45H1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KSE45H11 ISC-KSE45H11 Datasheet
302Kb / 2P
   isc Silicon PNP Power Transistor
logo
Fairchild Semiconductor
KSE45H11TU FAIRCHILD-KSE45H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
More results


Similar Description - KSE45H1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE44H FAIRCHILD-KSE44H Datasheet
41Kb / 4P
   General Purpose Power Switching Applications
KSE45H11TU FAIRCHILD-KSE45H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
KSE44H11TU FAIRCHILD-KSE44H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
logo
Sanyo Semicon Device
2SK3912 SANYO-2SK3912 Datasheet
38Kb / 4P
   General-Purpose Switching Device Applications
2SK3819 SANYO-2SK3819 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
ECH8402 SANYO-ECH8402 Datasheet
53Kb / 4P
   General-Purpose Switching Device Applications
SFT1350 SANYO-SFT1350 Datasheet
82Kb / 4P
   General-Purpose Switching Device Applications
SFT1443 SANYO-SFT1443 Datasheet
81Kb / 4P
   General-Purpose Switching Device Applications
SFT1445 SANYO-SFT1445 Datasheet
82Kb / 4P
   General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003_11 Datasheet
405Kb / 5P
   General-Purpose Switching Device Applications
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com