Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33269 Datasheet (PDF) - ON Semiconductor

MC33269 Datasheet PDF - ON Semiconductor
Part # MC33269
Download  MC33269 Download

File Size   287.75 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 800 mA, Adjustable Output, Low Dropout Voltage Regulator

MC33269 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33269 Datasheet PDF - ON Semiconductor

Part # MC33269
Download  MC33269 Click to download

File Size   287.75 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 800 mA, Adjustable Output, Low Dropout Voltage Regulator

MC33269 Datasheet (HTML) - ON Semiconductor

Back Button MC33269 Datasheet HTML 1Page - ON Semiconductor MC33269 Datasheet HTML 2Page - ON Semiconductor MC33269 Datasheet HTML 3Page - ON Semiconductor MC33269 Datasheet HTML 4Page - ON Semiconductor MC33269 Datasheet HTML 5Page - ON Semiconductor MC33269 Datasheet HTML 6Page - ON Semiconductor MC33269 Datasheet HTML 7Page - ON Semiconductor MC33269 Datasheet HTML 8Page - ON Semiconductor MC33269 Datasheet HTML 9Page - ON Semiconductor MC33269 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC33269 Product details

The MC33269/NCV33269 series are low dropout, medium current, fixed and adjustable, positive voltage regulators specifically designed for use in low input voltage applications. These devices offer the circuit designer an economical solution for precision voltage regulation, while keeping power losses to a minimum.
The regulator consists of a 1.0 V dropout composite PNP−NPN pass transistor, current limiting, and thermal shutdown.

Features
• 3.3 V, 3.5 V, 5.0 V, 12 V and Adjustable Versions
    2.85 V version available as MC34268
• Space Saving DPAK, SO−8 and SOT−223 Power Packages
• 1.0 V Dropout
• Output Current in Excess of 800 mA
• Thermal Protection
• Short Circuit Protection
• Output Trimmed to 1.0% Tolerance
• NCV Prefix for Automotive and Other Applications Requiring
    Unique Site and Control Change Requirements; AEC−Q100
    Qualified and PPAP Capable
• These are Pb−Free Devices




Similar Part No. - MC33269

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269 ONSEMI-MC33269 Datasheet
133Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results


Similar Description - MC33269

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DR2-50G ONSEMI-MC33269DR2-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-50G ONSEMI-MC33269T-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DT-5.0G ONSEMI-MC33269DT-5.0G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
133Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
   Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com