Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC1008Y Datasheet (PDF) - Fairchild Semiconductor

KSC1008Y Datasheet PDF - Fairchild Semiconductor
Part # KSC1008Y
Download  KSC1008Y Download

File Size   39.76 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Frequency Amplifier Medium Speed Switching

KSC1008Y Datasheet (PDF)

Go To PDF Page Download Datasheet
KSC1008Y Datasheet PDF - Fairchild Semiconductor

Part # KSC1008Y
Download  KSC1008Y Click to download

File Size   39.76 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Frequency Amplifier Medium Speed Switching

KSC1008Y Datasheet (HTML) - Fairchild Semiconductor

KSC1008Y Datasheet HTML 1Page - Fairchild Semiconductor KSC1008Y Datasheet HTML 2Page - Fairchild Semiconductor KSC1008Y Datasheet HTML 3Page - Fairchild Semiconductor KSC1008Y Datasheet HTML 4Page - Fairchild Semiconductor

KSC1008Y Product details

Features

• Low frequency amplifier medium speed switching.

• High Collector-Base Voltage : VCBO=80V.

• Collector Current : IC=700mA

• Collector Power Dissipation : PC=800mW

• Suffix “-C” means Center Collector (1.Emitter 2.Collector 3.Base)

• Non suffix “-C” means Side Collector (1.Emitter 2.Base 3.Collector)

• Complement to KSA708




Similar Part No. - KSC1008Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC1008YBU FAIRCHILD-KSC1008YBU Datasheet
151Kb / 5P
   NPN Epitacial Silicon Transistor
KSC1008YTA FAIRCHILD-KSC1008YTA Datasheet
151Kb / 5P
   NPN Epitacial Silicon Transistor
KSC1008YTF FAIRCHILD-KSC1008YTF Datasheet
151Kb / 5P
   NPN Epitacial Silicon Transistor
More results


Similar Description - KSC1008Y

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1707 HITACHI-2SC1707 Datasheet
61Kb / 1P
   LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
List of Unclassifed Man...
2SA708 ETC-2SA708 Datasheet
86Kb / 2P
   LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSA708YTA FAIRCHILD-KSA708YTA Datasheet
45Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA931YTA FAIRCHILD-KSA931YTA Datasheet
47Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA708YBU FAIRCHILD-KSA708YBU Datasheet
45Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSC2331 FAIRCHILD-KSC2331 Datasheet
40Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA708 FAIRCHILD-KSA708 Datasheet
39Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
KSA931 FAIRCHILD-KSA931 Datasheet
41Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
logo
Samsung semiconductor
KSC2331 SAMSUNG-KSC2331 Datasheet
81Kb / 2P
   NPN LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
KSC1008 SAMSUNG-KSC1008 Datasheet
71Kb / 2P
   NPN (LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com