Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM4270IC8 Datasheet (PDF) - Fairchild Semiconductor

KM4270IC8 Datasheet PDF - Fairchild Semiconductor
Part # KM4270IC8
Download  KM4270IC8 Download

File Size   96.14 Kbytes
Page   2 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier

KM4270IC8 Datasheet (PDF)

Go To PDF Page Download Datasheet
KM4270IC8 Datasheet PDF - Fairchild Semiconductor

Part # KM4270IC8
Download  KM4270IC8 Click to download

File Size   96.14 Kbytes
Page   2 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier

KM4270IC8 Datasheet (HTML) - Fairchild Semiconductor

KM4270IC8 Datasheet HTML 1Page - Fairchild Semiconductor KM4270IC8 Datasheet HTML 2Page - Fairchild Semiconductor

KM4270IC8 Product details

Description
The KM4170 (single), KM4270 (dual), and KM4470 (quad) are ultra-low cost, low power, voltage feedback amplifiers. At 5V, the KM4X70 family uses only 160µA of supply current per amplifier and are designed to operate from a supply range of 2.5V to 5.5V (±1.25 to ±2.75). The input voltage range exceeds the negative and positive rails.

Features at 2.7V
• 136µA supply current per amplifier
• 4.9MHz bandwidth
• Output swings to within 20mV of either rail
• Input voltage range exceeds the rail by >250mV
• 5.3V/µs slew rate
• 16mA output current
• 21nV/√Hz input voltage noise
• KM4170: directly replaces OPA340, OPA343, and TLV2461 in single supply applications and available in SC70-5 and SOT23-5 package options
• KM4270: directly replaces MAX4126, OPA2340, LMV822 and TLV2462 in single supply applications and available in SOIC-8 and MSOP-8 package options
• KM4470: directly replaces MAX4129, OPA4340, LMV824 and TLV2464 in single supply applications and available in TSSOP-14 package option

Applications
• Portable/battery-powered applications
• PCMCIA, USB
• Mobile communications, cellular phones, pagers
• Notebooks and PDA’s
• Sensor Interface
• A/D buffer
• Active filters
• Signal conditioning
• Portable test instruments




Similar Part No. - KM4270IC8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4270IC8TR3 FAIRCHILD-KM4270IC8TR3 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
More results


Similar Description - KM4270IC8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
   Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com