Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4212 Datasheet (PDF) - Fairchild Semiconductor

KM4212 Datasheet PDF - Fairchild Semiconductor
Part No. KM4212
Download  KM4212 Click to view

File Size   181.54 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp

KM4212 Datasheet (PDF)

Go To PDF Page Download Datasheet
KM4212 Datasheet PDF - Fairchild Semiconductor

Part No. KM4212
Download  KM4212 Click to view

File Size   181.54 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp

KM4212 Datasheet (HTML) - Fairchild Semiconductor

KM4212 Datasheet HTML 1Page - Fairchild Semiconductor KM4212 Datasheet HTML 2Page - Fairchild Semiconductor KM4212 Datasheet HTML 3Page - Fairchild Semiconductor KM4212 Datasheet HTML 4Page - Fairchild Semiconductor KM4212 Datasheet HTML 5Page - Fairchild Semiconductor KM4212 Datasheet HTML 6Page - Fairchild Semiconductor KM4212 Datasheet HTML 7Page - Fairchild Semiconductor KM4212 Datasheet HTML 8Page - Fairchild Semiconductor KM4212 Datasheet HTML 9Page - Fairchild Semiconductor KM4212 Datasheet HTML 10Page - Fairchild Semiconductor

KM4212 Product details

General Description
The KM4212 is an ultra-low power, low cost, voltage feedback amplifier. The KM4212 uses only 70µA of supply current and is designed to operate on +2.7V, +5V, or ±2.5V supplies. The input voltage range extends 300mV below the negative rail and 1.2V below the positive rail.

Features
■ 70µA supply current
■ 7.3MHz bandwidth
■ Fully specified at +2.7V and +5V supplies
■ Output voltage range: 0.04V to 4.96V; Vs = +5
■ Input voltage range: -0.3V to +3.8V; Vs = +5
■ 9V/µs slew rate
■ ±4mA linear output current
■ ±9mA short circuit output current
■ 29nV/√Hz input voltage noise
■ Competes with low power CMOS amps
■ Small package options (SOIC-8 and MSOP-8)

Applications
■ Portable/battery-powered applications
■ A/D buffer
■ Active filters
■ Signal conditioning
■ Portable test instruments



Similar Part No. - KM4212

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8 FAIRCHILD-KM4210IM8 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8TR3 FAIRCHILD-KM4210IM8TR3 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

Similar Description - KM4212

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
Exar Corporation
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz