Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM4211 Datasheet (PDF) - Fairchild Semiconductor

KM4211 Datasheet PDF - Fairchild Semiconductor
Part # KM4211
Download  KM4211 Download
File Size   180.65 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp

KM4211 Datasheet (PDF)

Go To PDF Page Download Datasheet
KM4211 Datasheet PDF - Fairchild Semiconductor

Part # KM4211
Download  KM4211 Click to download

File Size   180.65 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp

KM4211 Datasheet (HTML) - Fairchild Semiconductor


KM4211 Product details

General Description
The KM4211 is a dual ultra-low power, low cost, voltage feedback amplifier. The KM4211 uses only 208µA of supply current per amplifier and is designed to operate from 2.5V to 5.5V or ±1.25V to ±2.75V supplies. The input voltage range extends 300mV below the negative rail and 1.2V below the positive rail.

Features
■ 208µA supply current
■ 35MHz bandwidth
■ Fully specified at +2.7V and +5V supplies
■ Output voltage range: 0.08V to 4.88V; Vs = +5
■ Input voltage range: -0.3V to +3.8V; Vs = +5
■ 27V/µs slew rate
■ ±8.5mA linear output current
■ ±13mA short circuit output current
■ 21nV/√Hz input voltage noise
■ Directly replaces OPA2350, MAX4132, MAX4281
■ Small package options (SOIC-8 and MSOP-8)

Applications
■ A/D buffer
■ Smart card readers
■ Active filters
■ Keyless entry
■ Signal conditioning
■ ASCI input devices
■ Portable test instruments
■ PCMUA cards
■ Portable communications
■ Bar-code readers
■ Portable/battery-powered applications




Similar Part No. - KM4211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8 FAIRCHILD-KM4210IM8 Datasheet
77Kb / 2P
Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8TR3 FAIRCHILD-KM4210IM8TR3 Datasheet
77Kb / 2P
Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
KM4212IC8 FAIRCHILD-KM4212IC8 Datasheet
181Kb / 10P
Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
More results


Similar Description - KM4211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
logo
Exar Corporation
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
XR1009 EXAR-XR1009 Datasheet
637Kb / 16P
0.2mA, 35MHz Rail-to-Rail Amplifiers
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com