Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4110 Datasheet (PDF) - Fairchild Semiconductor

KM4110 Datasheet PDF - Fairchild Semiconductor
Part No. KM4110
Download  KM4110 Click to view

File Size   288.23 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers

KM4110 Datasheet (PDF)

Go To PDF Page Download Datasheet
KM4110 Datasheet PDF - Fairchild Semiconductor

Part No. KM4110
Download  KM4110 Click to view

File Size   288.23 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers

KM4110 Datasheet (HTML) - Fairchild Semiconductor

Back Button KM4110 Datasheet HTML 1Page - Fairchild Semiconductor KM4110 Datasheet HTML 2Page - Fairchild Semiconductor KM4110 Datasheet HTML 3Page - Fairchild Semiconductor KM4110 Datasheet HTML 4Page - Fairchild Semiconductor KM4110 Datasheet HTML 5Page - Fairchild Semiconductor KM4110 Datasheet HTML 6Page - Fairchild Semiconductor KM4110 Datasheet HTML 7Page - Fairchild Semiconductor KM4110 Datasheet HTML 8Page - Fairchild Semiconductor KM4110 Datasheet HTML 9Page - Fairchild Semiconductor KM4110 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KM4110 Product details

General Description
The KM4110 (single) and KM4120 (single with disable) are low cost, voltage feedback amplifiers. These amplifiers are designed to operate on +2.7V, +5V, or ±2.5V supplies. The input voltage range extends 300mV below the negative rail and 1.2V below the positive rail.

Features
■ 505µA supply current
■ 75MHz bandwidth
■ Power down to Is = 33µA (KM4120)
■ Fully specified at +2.7V and +5V supplies
■ Output voltage range: 0.07V to 4.86V; Vs = +5
■ Input voltage range: -0.3V to +3.8V; Vs = +5
■ 50V/µs slew rate
■ ±15mA linear output current
■ ±30mA output short circuit current
■ 12nV/√Hz input voltage noise
■ Directly replaces AD8031 in single supply applications
■ Small package options (SOT23-5 and SOT23-6)

Applications
■ Portable/battery-powered applications
■ A/D buffer
■ Active filters
■ Signal conditioning
■ Portable test instruments



Similar Part No. - KM4110

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

Similar Description - KM4110

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
Fairchild Semiconductor
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Exar Corporation
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
Fairchild Semiconductor
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz