Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7630 Datasheet (PDF) - Fairchild Semiconductor

KA7630 Datasheet PDF - Fairchild Semiconductor
Part # KA7630
Download  KA7630 Download

File Size   71.32 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fixed Multi-Output Regulator

KA7630 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA7630 Datasheet PDF - Fairchild Semiconductor

Part # KA7630
Download  KA7630 Click to download

File Size   71.32 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fixed Multi-Output Regulator

KA7630 Datasheet (HTML) - Fairchild Semiconductor

KA7630 Datasheet HTML 1Page - Fairchild Semiconductor KA7630 Datasheet HTML 2Page - Fairchild Semiconductor KA7630 Datasheet HTML 3Page - Fairchild Semiconductor KA7630 Datasheet HTML 4Page - Fairchild Semiconductor KA7630 Datasheet HTML 5Page - Fairchild Semiconductor KA7630 Datasheet HTML 6Page - Fairchild Semiconductor

KA7630 Product details

Description
The KA7630/KA7631 is a multi-output positive voltage regulator designed to provide fixed precision output voltages of 5.1V, 8V (7630) / 9V(7631) at current up to 0.5Aand 12V at current up to 1A with external PNP transistor.
An internal reset circuit generates a reset pulse when the output 1 decreases below the regulated value. Output2 & 3 can be disabled by TTL input. Protection features include over voltage protection, short circuit protection and thermal shutdown.

Features
• Output Currents up to 0.5A (Output1 & 2)
• Output Current up to 1A with External Transistor (Output3)
• Fixed Precision Output 1 Voltage 5.1V ±2%
• Fixed Precision Output 2 Voltage 8V ±2% (KA7630)
• Fixed Precision Output 2 Voltage 9V ±2% (KA7631)
• Control Signal Generator for Output 3 Voltage (12V ±2%)
• Reset Facility for Output Voltage1
• Output 2,3 with Disable by TTL Input
• Current Limit Protection at Each Output
• Thermal Shut Down




Similar Part No. - KA7630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7630 FAIRCHILD-KA7630 Datasheet
76Kb / 6P
   Fixed Multi-Output Regulator
KA7630TS FAIRCHILD-KA7630TS Datasheet
76Kb / 6P
   Fixed Multi-Output Regulator
More results


Similar Description - KA7630

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7630 GAMMA-GM7630_05 Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
GM7631 GAMMA-GM7631 Datasheet
176Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
logo
Fairchild Semiconductor
KA7630TS FAIRCHILD-KA7630TS Datasheet
76Kb / 6P
   Fixed Multi-Output Regulator
logo
List of Unclassifed Man...
GM7630 ETC-GM7630 Datasheet
110Kb / 5P
   FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7632 GAMMA-GM7632 Datasheet
147Kb / 8P
   FIXED MULTI - OUTPUT REGULATOR
logo
Fairchild Semiconductor
KA7632 FAIRCHILD-KA7632 Datasheet
102Kb / 8P
   Fixed Multi-output Regulator
logo
First Components Intern...
FMR7632 FCI-FMR7632 Datasheet
1Mb / 6P
   500mA 20V Fixed Multi-Output Regulator
F7632 FCI-F7632 Datasheet
104Kb / 6P
   Fixed Multi-output Positive Voltage Regulator
F7630 FCI-F7630 Datasheet
544Kb / 5P
   Fixed Multi-output Positive Voltage Regulator
F7631 FCI-F7631 Datasheet
223Kb / 5P
   0.5Amp Fixed Multi-output Positive Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com