Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7541 Datasheet (PDF) - Fairchild Semiconductor

KA7541 Datasheet PDF - Fairchild Semiconductor
Part # KA7541
Download  KA7541 Download
File Size   95.05 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Simple Ballast Controller

KA7541 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA7541 Datasheet PDF - Fairchild Semiconductor

Part # KA7541
Download  KA7541 Click to download

File Size   95.05 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Simple Ballast Controller

KA7541 Datasheet (HTML) - Fairchild Semiconductor


KA7541 Product details

Descriptions
The KA7541 provides simple and high performance electronic ballast control functions. KA7541 is optimized for electronic ballast requiring a minimum board area, reduced component count and low power dissipation. Internal soft start circuitry eliminates the need for an external soft start PTC resistor. The initial soft start switching frequency and soft start time can be adjusted depending on the types of lamps. Protection circuitry has also been added to prevent burning out of switches in no lamp condition. output gate drive circuit clamps power MOSFET gate voltage irrespective of supply voltage

Features
• Internal soft start
• Flexible soft start frequency
• No lamp protection
• Trimmed 1.5% internal bandgap reference
• Under voltage lock out with 1.8V of hysteresis
• Totem pole output with high state clamp
• Low start up and operating current




Similar Part No. - KA7541

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
48Kb / 8P
Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
55Kb / 8P
Voltage Detector
More results


Similar Description - KA7541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
SIMPLE BALLAST CONTROLLER
S6510 AUK-S6510 Datasheet
316Kb / 6P
SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
Three-Way Ballast Controller
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com