Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA558D2 Datasheet (PDF) - Fairchild Semiconductor

KA558D2 Datasheet PDF - Fairchild Semiconductor
Part # KA558D2
Download  KA558D2 Download

File Size   44.53 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Timer

KA558D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA558D2 Datasheet PDF - Fairchild Semiconductor

Part # KA558D2
Download  KA558D2 Click to download

File Size   44.53 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Timer

KA558D2 Datasheet (HTML) - Fairchild Semiconductor

KA558D2 Datasheet HTML 1Page - Fairchild Semiconductor KA558D2 Datasheet HTML 2Page - Fairchild Semiconductor KA558D2 Datasheet HTML 3Page - Fairchild Semiconductor KA558D2 Datasheet HTML 4Page - Fairchild Semiconductor KA558D2 Datasheet HTML 5Page - Fairchild Semiconductor KA558D2 Datasheet HTML 6Page - Fairchild Semiconductor

KA558D2 Product details

Description

The KA558/KA558B series are monolithic Quad Timers which can be used to produce four entirely independent timing functions. These highly stable, general purpose controllers can be used in a monostable mode to produce accurate time delays, from microseconds to hours. The time

is precisely controlled by one external resistor and one capacitor in the time delay mode. A stable mode can be operated using two of four time sections.



Features

• Wide Supply Voltage Range: 4.5V To 16V

• 100 mA Output Current Per Section

• Edge Triggered Without Coupling Capacitor

• Time Period Equals RC

• Output independent Of Trigger Conditions



Applications

• Quad One-Shot

• Sequential Timing

• Precision Timing

• Time Delay Generation




Similar Part No. - KA558D2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5532 FAIRCHILD-KA5532 Datasheet
73Kb / 6P
   Dual Operational Amplifier
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
156Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
More results


Similar Description - KA558D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE558 ETC2-NE558 Datasheet
83Kb / 4P
   Quad Timer
July 8, 1988
logo
Fairchild Semiconductor
NE558 FAIRCHILD-NE558 Datasheet
43Kb / 6P
   Quad Timer
logo
NXP Semiconductors
NE558 PHILIPS-NE558 Datasheet
74Kb / 4P
   Quad timer
August 31, 1994
logo
NTE Electronics
NTE926 NTE-NTE926 Datasheet
23Kb / 2P
   Integrated Circuit Quad Timer
logo
Motorola, Inc
MC14415 MOTOROLA-MC14415 Datasheet
256Kb / 7P
   Quad Precision Timer/Driver
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com