Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA5M0965Q Datasheet (PDF) - Fairchild Semiconductor

KA5M0965Q Datasheet PDF - Fairchild Semiconductor
Part # KA5M0965Q
Download  KA5M0965Q Download

File Size   636.44 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(SPS)

KA5M0965Q Datasheet (PDF)

Go To PDF Page Download Datasheet
KA5M0965Q Datasheet PDF - Fairchild Semiconductor

Part # KA5M0965Q
Download  KA5M0965Q Click to download

File Size   636.44 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(SPS)

KA5M0965Q Datasheet (HTML) - Fairchild Semiconductor

Back Button KA5M0965Q Datasheet HTML 1Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 2Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 3Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 4Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 5Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 6Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 7Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 8Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 9Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA5M0965Q Product details

Description

The Fairchild Power Switch(FPS) product family is specially designed for an off-line SMPS with minimal external components. The Fairchild Power Switch(FPS) consist of high voltage power SenseFET and current mode PWM IC. Included PWM controller features integrated fixed frequency oscillator, under voltage lock-out, leading edge blanking, optimized gate turn-on/turn-off driver, thermal shutdown protection, over voltage protection, and temperature compensated precision current sources for loop compensation and fault protection circuitry. compared to discrete MOSFET and PWM controller or RCC solution, a Fairchild Power Switch(FPS) can reduce total component count, design size, weight and at the same time increase efficiency, productivity, and system reliability. It has a basic platform well suited for cost effective design in either a flyback converter or a forward converter.



Features

• Precision Fixed Operating Frequency (70kHz)

• Low Start-up Current(Typ. 100uA)

• Pulse by Pulse Current Limiting

• Over Load Protection

• Over Current Protection

• Over Voltage Protection (Min. 25V)

• Internal Thermal Shutdown Function

• Under Voltage Lockout

• Internal High Voltage Sense FET

• Latch Mode




Similar Part No. - KA5M0965Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
KA5M0965QTU FAIRCHILD-KA5M0965QTU Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
KA5M0965QYDTU FAIRCHILD-KA5M0965QYDTU Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Similar Description - KA5M0965Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com