Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3S0765R Datasheet (PDF) - Fairchild Semiconductor

KA3S0765R Datasheet PDF - Fairchild Semiconductor
Part # KA3S0765R
Download  KA3S0765R Download

File Size   120.04 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(SPS)

KA3S0765R Datasheet (PDF)

Go To PDF Page Download Datasheet
KA3S0765R Datasheet PDF - Fairchild Semiconductor

Part # KA3S0765R
Download  KA3S0765R Click to download

File Size   120.04 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(SPS)

KA3S0765R Datasheet (HTML) - Fairchild Semiconductor

Back Button KA3S0765R Datasheet HTML 1Page - Fairchild Semiconductor KA3S0765R Datasheet HTML 2Page - Fairchild Semiconductor KA3S0765R Datasheet HTML 3Page - Fairchild Semiconductor KA3S0765R Datasheet HTML 4Page - Fairchild Semiconductor KA3S0765R Datasheet HTML 5Page - Fairchild Semiconductor KA3S0765R Datasheet HTML 6Page - Fairchild Semiconductor KA3S0765R Datasheet HTML 7Page - Fairchild Semiconductor KA3S0765R Datasheet HTML 8Page - Fairchild Semiconductor KA3S0765R Datasheet HTML 9Page - Fairchild Semiconductor KA3S0765R Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA3S0765R Product details

Description
The SPS product family is specially designed for an offline SMPS with minimal external components. The SPS consist of high voltage power SenseFET and current mode PWM IC. Included control IC features a trimmed oscillator, under voltage lock-out, leading edge blanking, optimized gate turnon/turn-off driver, thermal shut down protection, over voltage protection, temperature compensated precision current sources for loop compensation and fault protection circuit.
   
Features
• Wide operatimg frequency range up to (150kHz)
• Pulse by pulse over current limiting
• Over load protection
• Over voltage protecton (Min. 23V)
• Internal thermal shutdown function
• Under voltage lockout
• Internal high voltage sense FET
• External sync terminal
• Auto Restart Mode
   




Similar Part No. - KA3S0765R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA3S0765R SAMSUNG-KA3S0765R Datasheet
322Kb / 8P
   SAMSUNG POWER SWITCH
KA3S0765RF SAMSUNG-KA3S0765RF Datasheet
529Kb / 11P
   SAMSUNG POWER SWITCH
More results


Similar Description - KA3S0765R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com