Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3502 Datasheet (PDF) - Fairchild Semiconductor

KA3502 Datasheet PDF - Fairchild Semiconductor
Part # KA3502
Download  KA3502 Download

File Size   89.49 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PC SMPS Supervisory IC

KA3502 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA3502 Datasheet PDF - Fairchild Semiconductor

Part # KA3502
Download  KA3502 Click to download

File Size   89.49 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PC SMPS Supervisory IC

KA3502 Datasheet (HTML) - Fairchild Semiconductor

Back Button KA3502 Datasheet HTML 1Page - Fairchild Semiconductor KA3502 Datasheet HTML 2Page - Fairchild Semiconductor KA3502 Datasheet HTML 3Page - Fairchild Semiconductor KA3502 Datasheet HTML 4Page - Fairchild Semiconductor KA3502 Datasheet HTML 5Page - Fairchild Semiconductor KA3502 Datasheet HTML 6Page - Fairchild Semiconductor KA3502 Datasheet HTML 7Page - Fairchild Semiconductor KA3502 Datasheet HTML 8Page - Fairchild Semiconductor KA3502 Datasheet HTML 9Page - Fairchild Semiconductor KA3502 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA3502 Product details

Descriptions
The KA3502 is complete housekeeping circuitry for use in the secondary side of SMPS(Switched Mode Power Supply). It contains various functions, which are two Precision Voltage References, Over Voltage/Current Protection, Remote On/Off Control, Power Good Signal Generator, Disable Logic and etc.

Features
• Complete Housekeeping Circuit
• Few External Components
• Over Voltage Protection for 3.3V/5V/12V/Adj. Output
• Over Current Protection for 3.3V/5V/12V Output
• Open-Collector Output and Remote On/Off Function
• Remote On/Off Delay Time Control
• Precision Voltage Reference for Outputs, 5V/12V
• Uncommitment Precision Voltage Reference for +5Vs
• Power Good Signal Generator with Hysteresis
• Disable Logic of 3.3V, 5V, 12V for Complete Shutdown




Similar Part No. - KA3502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results


Similar Description - KA3502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com