Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA319 Datasheet (PDF) - Fairchild Semiconductor

KA319 Datasheet PDF - Fairchild Semiconductor
Part # KA319
Download  KA319 Download

File Size   111.75 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Comparator

KA319 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA319 Datasheet PDF - Fairchild Semiconductor

Part # KA319
Download  KA319 Click to download

File Size   111.75 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Comparator

KA319 Datasheet (HTML) - Fairchild Semiconductor

KA319 Datasheet HTML 1Page - Fairchild Semiconductor KA319 Datasheet HTML 2Page - Fairchild Semiconductor KA319 Datasheet HTML 3Page - Fairchild Semiconductor KA319 Datasheet HTML 4Page - Fairchild Semiconductor KA319 Datasheet HTML 5Page - Fairchild Semiconductor KA319 Datasheet HTML 6Page - Fairchild Semiconductor KA319 Datasheet HTML 7Page - Fairchild Semiconductor KA319 Datasheet HTML 8Page - Fairchild Semiconductor KA319 Datasheet HTML 9Page - Fairchild Semiconductor KA319 Datasheet HTML 10Page - Fairchild Semiconductor

KA319 Product details

Description
The KA319 is a dual high speed voltage comparator designed to operate from a single + 5V supply up to ±15V dual supplies. Open collector of the output stage makes the KA319 compatible with RTL, DTL and TTL as well as capable of driving lamps and relays at currents up to 25mA. Typical response time of 80ns with ±15V power supplies makes the KA319 ideal for application in fast A/D converts, level shifters, oscillators, and multivibrators.
   
Features
• Operates from a single 5V supply
• Typically 80ns response time at ±15V
• Open collector outputs : up to + 35V
• High output drive current : 25mA
• Inputs and outputs can be isolated from system ground
• Minimum fan-out of 2 (each side)
• Two independent comparators
   




Similar Part No. - KA319

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA319 FAIRCHILD-KA319_12 Datasheet
173Kb / 8P
   Dual Comparator
More results


Similar Description - KA319

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com