Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ10005 Datasheet (PDF) - Yea Shin Technology Co., Ltd

GBJ10005 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # GBJ10005
Download  GBJ10005 Download

File Size   371.64 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 10A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ10005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ10005 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # GBJ10005
Download  GBJ10005 Click to download

File Size   371.64 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 10A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ10005 Datasheet (HTML) - Yea Shin Technology Co., Ltd

GBJ10005 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd GBJ10005 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd

GBJ10005 Product details

FEATURES

‧ Glass Passivated Die Construction

‧ High Case Dielectric Strength of 1500VRMS

‧ Low Reverse Leakage Current

‧ Surge Overload Rating to 170A Peak

‧ Ideal for Printed Circuit Board Applications

‧ Plastic Material - UL Flammability Classification 94V-0

‧ UL Listed Under Recognized Component Index, File Number E94661

‧ High temperature soldering : 260OC / 10 seconds at terminals

‧ Pb free product at available : 99% Sn above meet RoHS environment substance directive request



 




Similar Part No. - GBJ10005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ10005 DIODES-GBJ10005 Datasheet
65Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS21218 Rev. D-2
logo
ASEMI TECHNOLOGY., LTD
GBJ10005 ASEMI-GBJ10005 Datasheet
129Kb / 2P
   10 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
logo
Micro Commercial Compon...
GBJ10005 MCC-GBJ10005 Datasheet
213Kb / 3P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
GBJ10005 YANGJIE-GBJ10005 Datasheet
336Kb / 4P
   Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ10005 MCC-GBJ10005 Datasheet
89Kb / 2P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Similar Description - GBJ10005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000G WTE-PB1000G Datasheet
34Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10A ZSELEC-GBJ10A Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
GBJ10005 DIODES-GBJ10005_15 Datasheet
81Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10005 ZSELEC-GBJ10005 Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
RS1001M ZSELEC-RS1001M Datasheet
100Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
D10XB05 ZSELEC-D10XB05 Datasheet
59Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBJ10005 LUGUANG-GBJ10005 Datasheet
172Kb / 2P
   10A Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TU1000G TAITRON-TU1000G Datasheet
195Kb / 4P
   10A Glass Passivated Bridge Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com