Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB151 Datasheet (PDF) - Yea Shin Technology Co., Ltd

DB151 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # DB151
Download  DB151 Download

File Size   407.2 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SINGLE-PHASE GLASS PASSIVATED VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere

DB151 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB151 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # DB151
Download  DB151 Click to download

File Size   407.2 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SINGLE-PHASE GLASS PASSIVATED VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere

DB151 Datasheet (HTML) - Yea Shin Technology Co., Ltd

DB151 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd DB151 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd

DB151 Product details

FEATURES
    Good for automation insertion
    Surge overload rating - 50 amperes peak
    Ideal for printed circuit board
    Reliable low cost construction utilizing molded
    Glass passivated device
    Polarity symbols molded on body
    Mounting position: Any
    Weight: 1.0 gram
    High temperature soldering : 260OC / 10 seconds at terminals
    Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - DB151

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB151 SURGE-DB151 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Shanghai Shunye Electro...
DB151 SY-DB151 Datasheet
172Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rugao Dachang Electroni...
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
logo
SUNMATE electronic Co.,...
DB151 SUNMATE-DB151 Datasheet
293Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
DB151 RECTRON-DB151 Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results


Similar Description - DB151

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
DB151S YEASHIN-DB151S Datasheet
375Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
logo
WILLAS ELECTRONIC CORP
DB151 WILLAS-DB151 Datasheet
565Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
logo
Kingtronics Internation...
W005-W10M KINGTRONICS-W005-W10M Datasheet
359Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
logo
Rectron Semiconductor
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RS101M RECTRON-RS101M_10 Datasheet
130Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RS2501M RECTRON-RS2501M_12 Datasheet
334Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERV VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
RS201M RECTRON-RS201M Datasheet
44Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
SLDB101S RECTRON-SLDB101S_10 Datasheet
202Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com