Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL620A Datasheet (PDF) - Fairchild Semiconductor

IRL620A Datasheet PDF - Fairchild Semiconductor
Part # IRL620A
Download  IRL620A Download

File Size   222.0 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Advanced Power MOSFET

IRL620A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL620A Datasheet PDF - Fairchild Semiconductor

Part # IRL620A
Download  IRL620A Click to download

File Size   222.0 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Advanced Power MOSFET

IRL620A Datasheet (HTML) - Fairchild Semiconductor

IRL620A Datasheet HTML 1Page - Fairchild Semiconductor IRL620A Datasheet HTML 2Page - Fairchild Semiconductor IRL620A Datasheet HTML 3Page - Fairchild Semiconductor IRL620A Datasheet HTML 4Page - Fairchild Semiconductor IRL620A Datasheet HTML 5Page - Fairchild Semiconductor IRL620A Datasheet HTML 6Page - Fairchild Semiconductor IRL620A Datasheet HTML 7Page - Fairchild Semiconductor

IRL620A Product details

BVDSS = 200 V
RDS(on) = 0.8Ω
ID = 5 A

FEATURES
♦ Logic-Level Gate Drive
♦ Avalanche Rugged Technology
♦ Rugged Gate Oxide Technology
♦ Lower Input Capacitance
♦ Improved Gate Charge
♦ Extended Safe Operating Area
♦ Lower Leakage Current: 10µA (Max.) @ VDS = 200V
♦ Lower RDS(ON): 0.609Ω (Typ.)




Similar Part No. - IRL620A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL620A ISC-IRL620A Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - IRL620A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com