Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR3892MTR1PBF Datasheet (PDF) - International Rectifier

IR3892MTR1PBF Datasheet PDF - International Rectifier
Part # IR3892MTR1PBF
Download  IR3892MTR1PBF Download

File Size   3111.06 Kbytes
Page   51 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Dual output, 6A/Phase, Highly Integrated SupIRBuck

IR3892MTR1PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3892MTR1PBF Datasheet PDF - International Rectifier

Part # IR3892MTR1PBF
Download  IR3892MTR1PBF Click to download

File Size   3111.06 Kbytes
Page   51 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Dual output, 6A/Phase, Highly Integrated SupIRBuck

IR3892MTR1PBF Datasheet (HTML) - International Rectifier

Back Button IR3892MTR1PBF Datasheet HTML 1Page - International Rectifier IR3892MTR1PBF Datasheet HTML 2Page - International Rectifier IR3892MTR1PBF Datasheet HTML 3Page - International Rectifier IR3892MTR1PBF Datasheet HTML 4Page - International Rectifier IR3892MTR1PBF Datasheet HTML 5Page - International Rectifier IR3892MTR1PBF Datasheet HTML 6Page - International Rectifier IR3892MTR1PBF Datasheet HTML 7Page - International Rectifier IR3892MTR1PBF Datasheet HTML 8Page - International Rectifier IR3892MTR1PBF Datasheet HTML 9Page - International Rectifier IR3892MTR1PBF Datasheet HTML 10Page - International Rectifier Next Button 


Similar Part No. - IR3892MTR1PBF

ManufacturerPart #DatasheetDescription
International Rectifier
International Rectifier
IR3892M IRF-IR3892M Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
More results

Similar Description - IR3892MTR1PBF

ManufacturerPart #DatasheetDescription
International Rectifier
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com