Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F256C8N Datasheet (PDF) - Altera Corporation

EP1C12F256C8N Datasheet PDF - Altera Corporation
Part # EP1C12F256C8N
Download  EP1C12F256C8N Download

File Size   1386.83 Kbytes
Page   106 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Section I. Cyclone FPGA Family Data Sheet

EP1C12F256C8N Datasheet (PDF)

Go To PDF Page Download Datasheet
EP1C12F256C8N Datasheet PDF - Altera Corporation

Part # EP1C12F256C8N
Download  EP1C12F256C8N Click to download

File Size   1386.83 Kbytes
Page   106 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Section I. Cyclone FPGA Family Data Sheet

EP1C12F256C8N Datasheet (HTML) - Altera Corporation


EP1C12F256C8N Product details

Introduction
The Cyclone® field programmable gate array family is based on a 1.5-V, 0.13-μm, all-layer copper SRAM process, with densities up to 20,060 logic elements (LEs) and up to 288 Kbits of RAM. With features like phase-locked loops (PLLs) for clocking and a dedicated double data rate (DDR) interface to meet DDR SDRAM and fast cycle RAM (FCRAM) memory requirements, Cyclone devices are a cost-effective solution for data-path applications. Cyclone devices support various I/O standards, including LVDS at data rates up to 640 megabits per second (Mbps), and 66- and 33-MHz, 64- and 32-bit peripheral component interconnect (PCI), for interfacing with and supporting ASSP and ASIC devices. Altera also offers new low-cost serial configuration devices to configure Cyclone devices.

Features
The Cyclone device family offers the following features:
■ 2,910 to 20,060 LEs, see Table 1–1
■ Up to 294,912 RAM bits (36,864 bytes)
■ Supports configuration through low-cost serial configuration device
■ Support for LVTTL, LVCMOS, SSTL-2, and SSTL-3 I/O standards
■ Support for 66- and 33-MHz, 64- and 32-bit PCI standard
■ High-speed (640 Mbps) LVDS I/O support
■ Low-speed (311 Mbps) LVDS I/O support
■ 311-Mbps RSDS I/O support
■ Up to two PLLs per device provide clock multiplication and phase shifting
■ Up to eight global clock lines with six clock resources available per
   logic array block (LAB) row
■ Support for external memory, including DDR SDRAM (133 MHz),
   FCRAM, and single data rate (SDR) SDRAM
■ Support for multiple intellectual property (IP) cores, including
   Altera® MegaCore® functions and Altera Megafunctions Partners
   Program (AMPPSM) megafunctions.




Similar Part No. - EP1C12F256C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F256C8 ALTERA-EP1C12F256C8 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C12F256C8ES ALTERA-EP1C12F256C8ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
More results


Similar Description - EP1C12F256C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com